Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2128E Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # 2128E
Description  In-System Programmable SuperFAST??High Density PLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2128E Datasheet(HTML) 1 Page - Lattice Semiconductor

  2128E Datasheet HTML 1Page - Lattice Semiconductor 2128E Datasheet HTML 2Page - Lattice Semiconductor 2128E Datasheet HTML 3Page - Lattice Semiconductor 2128E Datasheet HTML 4Page - Lattice Semiconductor 2128E Datasheet HTML 5Page - Lattice Semiconductor 2128E Datasheet HTML 6Page - Lattice Semiconductor 2128E Datasheet HTML 7Page - Lattice Semiconductor 2128E Datasheet HTML 8Page - Lattice Semiconductor 2128E Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ispLSI
®
2128E
In-System Programmable
SuperFAST™ High Density PLD
2128e_02
1
Features
• SUPERFAST HIGH DENSITY IN-SYSTEM
PROGRAMMABLE LOGIC
— 6000 PLD Gates
— 128 I/O Pins, Eight Dedicated Inputs
— 128 Registers
— High Speed Global Interconnect
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
— 100% Functional/JEDEC Upward Compatible with
ispLSI 2128 Devices
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
fmax = 180 MHz Maximum Operating Frequency
tpd = 5.0 ns Propagation Delay
— TTL Compatible Inputs and Outputs
— 5V Programmable Logic Core
— ispJTAG™ In-System Programmable via IEEE 1149.1
(JTAG) Test Access Port
— User-Selectable 3.3V or 5V I/O Supports Mixed-
Voltage Systems
— PCI Compatible Outputs
— Open-Drain Output Option
— Electrically Erasable and Reprogrammable
— Non-Volatile
— Unused Product Term Shutdown Saves Power
• ispLSI OFFERS THE FOLLOWING ADDED FEATURES
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM
SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY
OF FIELD PROGRAMMABLE GATE ARRAYS
— Complete Programmable Device Can Combine Glue
Logic and Structured Designs
— Enhanced Pin Locking Capability
— Three Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control to
Minimize Switching Noise
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER AND COM-
PLETE ISP DEVICE DESIGN SYSTEMS FROM HDL
SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
— Superior Quality of Results
— Tightly Integrated with Leading CAE Vendor Tools
— Productivity Enhancing Timing Analyzer, Explore
Tools, Timing Simulator and ispANALYZER™
— PC and UNIX Platforms
Functional Block Diagram
Copyright © 1998 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
November 1998
Global Routing Pool (GRP)
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Logic
Array
GLB
DQ
DQ
DQ
DQ
0139(9A)/2128
C7
C6
C5
C4
C3
C2
C1
C0
D3
D2
D1
D0
D7
D6
D5
D4
B4
B5
B6
B7
B0
B1
B2
B3
A0
A1
A2
A3
A4
A5
A6
A7
Description
The ispLSI 2128E is a High Density Programmable Logic
Device. The device contains 128 Registers, 128 Univer-
sal I/O pins, eight Dedicated Input pins, three Dedicated
Clock Input pins, two dedicated Global OE input pins and
a Global Routing Pool (GRP). The GRP provides com-
plete interconnectivity between all of these elements.
The ispLSI 2128E features 5V in-system programmabil-
ity and in-system diagnostic capabilities. The ispLSI
2128E offers non-volatile reprogrammability of all logic,
as well as the interconnect to provide truly reconfigurable
systems.
The basic unit of logic on the ispLSI 2128E device is the
Generic Logic Block (GLB). The GLBs are labeled A0, A1
.. D7 (see Figure 1). There are a total of 32 GLBs in the
ispLSI 2128E device. Each GLB is made up of four
macrocells. Each GLB has 18 inputs, a programmable
AND/OR/Exclusive OR array, and four outputs which can
be configured to be either combinatorial or
registered.Inputs to the GLB come from the GRP and
dedicated inputs. All of the GLB outputs are brought back
into the GRP so that they can be connected to the inputs
of any GLB on the device.
The device also has 128 I/O cells, each of which is
directly connected to an I/O pin. Each I/O cell can be


Similar Part No. - 2128E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2128 ETC2-2128 Datasheet
311Kb / 1P
   MALE/FEMALE THREADED STANDOFFS
2128 ETC2-2128 Datasheet
110Kb / 2P
   HEX MALE/FEMALE STANDOFFS
logo
Heyco.
2128 HEYCO-2128 Datasheet
151Kb / 1P
   Extra Dome Plugs
logo
RAF ELECTRONIC HARDWARE
2128-632-AL RAF-2128-632-AL Datasheet
90Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2128-832-SS RAF-2128-832-SS Datasheet
95Kb / 1P
   1/4 HEX FEMALE STANDOFFS
More results

Similar Description - 2128E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com