Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB2200 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # SB2200
Description  Schottky Barrier Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB2200 Datasheet(HTML) 5 Page - Leshan Radio Company

  SB2200_15 Datasheet HTML 1Page - Leshan Radio Company SB2200_15 Datasheet HTML 2Page - Leshan Radio Company SB2200_15 Datasheet HTML 3Page - Leshan Radio Company SB2200_15 Datasheet HTML 4Page - Leshan Radio Company SB2200_15 Datasheet HTML 5Page - Leshan Radio Company SB2200_15 Datasheet HTML 6Page - Leshan Radio Company SB2200_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
标题:
1.4
标签要求
label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:
mm
L
WH
T52
430±2
280±2
225±2
T42
410±2
285±2
300±2
T26
435±3
280±3
295±3
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
R-3
DO-15
1.8K
2K(T52)
1.8K(T26)
18K
20K
36K
36K
32.4K
36K
外箱数量(
T42编带)
quantity/cartoon
54K-
外箱数量(
T26编带)
quantity/cartoon
60K-
每根编带数量
quantity/ammo
3K
0.8K
外箱数量(
T52编带)
quantity/cartoon
30K
8.0K
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
塑封外型
A-405 & DO-41 & R-1
DO-201AD
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


Similar Part No. - SB2200_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB2200-2A-DO-15 DGNJDZ-SB2200-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB2200H SIRECT-SB2200H Datasheet
222Kb / 2P
   Power Schottky Rectifier - 2Amp 150~200Volt
More results

Similar Description - SB2200_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com