Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2064VL-135LB100 Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPLSI2064VL-135LB100
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2064VL-135LB100 Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPLSI2064VL-135LB100 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2064VL-135LB100 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2064VL-135LB100 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2064VL-135LB100 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2064VL-135LB100 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2064VL-135LB100 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2064VL-135LB100 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2064VL-135LB100 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2064VL-135LB100 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Specifications ispLSI 2064VL
Signal Configuration
ispLSI 2064VL 100-Ball caBGA Signal Diagram
10
987654321
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
J
K
10
987654321
I/O
39
I/O
41
I/O
46
I/O
50
I/O
52
I/O
55
I/O
57
NC1
NC1
VCC
I/O
35
I/O
38
I/O
42
I/O
45
I/O
47
I/O
51
I/O
60
I/O
61
NC1
NC1
TCK/
IN 3
I/O
31
I/O
30
I/O
21
I/O
12
I/O
4
I/O
0
NC1
GND
NC1
I/O
29
I/O
28
I/O
19
I/O
13
I/O
10
I/O
15
I/O
6
I/O
3
NC1
NC1
I/O
27
I/O
26
I/O
24
I/O
22
I/O
17
I/O
11
TMS/
IN 1
I/O
8
I/O
5
VCC
I/O
25
1NCs are not to be connected to any active signals, VCC or GND.
Note: Ball A1 indicator dot on top side of package.
I/O
23
I/O
20
I/O
18
I/O
14
I/O
9
I/O
7
GND
NC1
NC1
GOE
0
I/O
34
I/O
16
I/O
1
TDI/
IN 0
NC1
GND
100-BGA/2064VL
VCC
Y2
Y1
I/O
32
I/O
36
I/O
44
I/O
53
I/O
62
I/O
63
NC1
NC1
NC1
RESET
I/O
33
I/O
48
I/O
2
GOE
1
NC1
VCC
Y0
NC1
NC1
BSCAN
I/O
37
I/O
40
I/O
43
I/O
54
I/O
49
TDO/
IN 2
I/O
56
I/O
58
I/O
59
GND
ispLSI 2064VL
Bottom View


Similar Part No. - ISPLSI2064VL-135LB100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ44 LATTICE-ISPLSI2064V-100LJ44 Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ44I LATTICE-ISPLSI2064V-100LJ44I Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ84 LATTICE-ISPLSI2064V-100LJ84 Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ84I LATTICE-ISPLSI2064V-100LJ84I Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
More results

Similar Description - ISPLSI2064VL-135LB100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com