Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ120A Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # SMBJ120A
Description  GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMBJ120A Datasheet(HTML) 2 Page - Zowie Technology Corporation

  SMBJ120A Datasheet HTML 1Page - Zowie Technology Corporation SMBJ120A Datasheet HTML 2Page - Zowie Technology Corporation SMBJ120A Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zowie Technology Corporation
SMBJ SERIES
Zowie Technology Corporation
2011/05
UNI- POLAR
BI-POLAR
UNI
BI
Device
Marking
Code
SMBJ
PART NUMBER
Breakdown Voltage VBR @IT
Maximum Reverse
Leakage IR (μA)
@VRWM
Maximum Clamping
Voltage VC (V)
@ IPP
Maximum Reverse
Surge Current
IPP (A)
@10 x 1000μs
sinewave
Working Peak
Reverse Voltage
VRWM
(V)
Min. (V)
Max. (V)
IT (mA)
SMBJ5.0A
SMBJ6.0A
SMBJ6.5A
SMBJ7.0A
SMBJ7.5A
SMBJ8.0A
SMBJ8.5A
SMBJ9.0A
SMBJ10A
SMBJ11A
SMBJ12A
SMBJ13A
SMBJ14A
SMBJ15A
SMBJ16A
SMBJ17A
SMBJ18A
SMBJ19A
SMBJ20A
SMBJ22A
SMBJ24A
SMBJ26A
SMBJ28A
SMBJ30A
SMBJ33A
SMBJ36A
SMBJ40A
SMBJ43A
SMBJ45A
SMBJ48A
SMBJ51A
SMBJ54A
SMBJ58A
SMBJ60A
SMBJ64A
SMBJ70A
SMBJ75A
SMBJ78A
SMBJ80A
SMBJ85A
SMBJ90A
SMBJ100A
SMBJ110A
SMBJ120A
SMBJ130A
SMBJ140A
SMBJ150A
SMBJ160A
SMBJ170A
SMBJ180A
SMBJ190A
SMBJ200A
SMBJ220A
SMBJ250A
SMBJ300A
SMBJ350A
SMBJ400A
SMBJ440A
SMBJ5.0CA
SMBJ6.0CA
SMBJ6.5CA
SMBJ7.0CA
SMBJ7.5CA
SMBJ8.0CA
SMBJ8.5CA
SMBJ9.0CA
SMBJ10CA
SMBJ11CA
SMBJ12CA
SMBJ13CA
SMBJ14CA
SMBJ15CA
SMBJ16CA
SMBJ17CA
SMBJ18CA
SMBJ19CA
SMBJ20CA
SMBJ22CA
SMBJ24CA
SMBJ26CA
SMBJ28CA
SMBJ30CA
SMBJ33CA
SMBJ36CA
SMBJ40CA
SMBJ43CA
SMBJ45CA
SMBJ48CA
SMBJ51CA
SMBJ54CA
SMBJ58CA
SMBJ60CA
SMBJ64CA
SMBJ70CA
SMBJ75CA
SMBJ78CA
SMBJ80CA
SMBJ85CA
SMBJ90CA
SMBJ100CA
SMBJ110CA
SMBJ120CA
SMBJ130CA
SMBJ140CA
SMBJ150CA
SMBJ160CA
SMBJ170CA
SMBJ180CA
SMBJ190CA
SMBJ200CA
SMBJ220CA
SMBJ250CA
SMBJ300CA
SMBJ350CA
SMBJ400CA
SMBJ440CA
KE
KG
KK
KM
KP
KR
KT
KV
KX
KZ
LE
LG
LK
LM
LP
LR
LT
LB
LV
LX
LZ
ME
MG
MK
MM
MP
MR
MT
MV
MX
MZ
NE
NG
NK
NM
NP
NR
NT
NB
NV
NX
NZ
PE
PG
PK
PB
PM
PP
PR
PT
PV
PW
PX
PZ
QE
QG
QK
QM
AE
AG
AK
AM
AP
AR
AT
AV
AX
AZ
BE
BG
BK
BM
BP
BR
BT
BB
BV
BX
BZ
CE
CG
CK
CM
CP
CR
CT
CV
CX
CZ
DE
DG
DK
DM
DP
DR
DT
DB
DV
DX
DZ
EE
EG
EK
EB
EM
EP
ER
ET
EV
EW
EX
EZ
FE
FG
FK
FM
6.40
6.67
7.22
7.78
8.33
8.89
9.44
10.0
11.1
12.2
13.3
14.4
15.6
16.7
17.8
18.9
20.0
21.1
22.2
24.4
26.7
28.9
31.1
33.3
36.7
40.0
44.4
47.8
50.0
53.3
56.7
60.0
64.4
66.7
71.1
77.8
83.3
86.7
88.8
94.4
100
111
122
133
144
155
167
178
189
200
211
224
246
279
335
391
447
492
7.00
7.37
7.98
8.60
9.21
9.83
10.4
11.1
12.3
13.5
14.7
15.9
17.2
18.5
19.7
20.9
22.1
23.3
24.5
26.9
29.5
31.9
34.4
36.8
40.6
44.2
49.1
52.8
55.3
58.9
62.7
66.3
71.2
73.7
78.6
86.0
92.1
95.8
97.6
104
111
123
135
147
159
171
185
197
209
220
232
247
272
309
371
432
494
543
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
800
800
500
200
100
50
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10
11
12
13
14
15
16
17
18
19
20
22
24
26
28
30
33
36
40
43
45
48
51
54
58
60
64
70
75
78
80
85
90
100
110
120
130
140
150
160
170
180
190
200
220
250
300
350
400
440
65.22
58.25
53.57
50.00
46.51
44.12
41.67
38.96
35.29
32.97
30.15
27.91
25.86
24.59
23.08
21.74
20.55
19.49
18.52
16.90
15.42
14.25
13.22
12.40
11.26
10.33
9.30
8.65
8.25
7.75
7.28
6.89
6.41
6.20
5.83
5.31
4.96
4.76
4.63
4.38
4.11
3.70
3.39
3.11
2.87
2.65
2.47
2.32
2.18
2.06
1.95
1.85
1.69
1.48
1.23
1.06
0.93
0.84
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
30.8
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103
113
121
126
130
137
146
162
177
193
209
227
243
259
275
292
308
324
356
405
486
567
648
713
NOTE : 1. Suffix " A " denotes 5% tolerance device.
2. Add suffix " CA " after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .


Similar Part No. - SMBJ120A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ120A LITTELFUSE-SMBJ120A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Galaxy Semi-Conductor H...
SMBJ120A BILIN-SMBJ120A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMBJ120A JGD-SMBJ120A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ120A VISHAY-SMBJ120A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Taiwan Semiconductor Co...
SMBJ120A TSC-SMBJ120A Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
More results

Similar Description - SMBJ120A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SMCJ ZOWIE-SMCJ Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ ZOWIE-SMAJ Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
20KPA SMC-20KPA Datasheet
220Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMD30KPA MDE-SMD30KPA Datasheet
344Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB LUGUANG-P6SMB_13 Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04P5V8 MDE-BZW04P5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com