Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72862GC-9EU Datasheet(PDF) 15 Page - NEC

Part # UPD72862GC-9EU
Description  IEEE1394 OHCI HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72862GC-9EU Datasheet(HTML) 15 Page - NEC

Back Button UPD72862GC-9EU Datasheet HTML 11Page - NEC UPD72862GC-9EU Datasheet HTML 12Page - NEC UPD72862GC-9EU Datasheet HTML 13Page - NEC UPD72862GC-9EU Datasheet HTML 14Page - NEC UPD72862GC-9EU Datasheet HTML 15Page - NEC UPD72862GC-9EU Datasheet HTML 16Page - NEC UPD72862GC-9EU Datasheet HTML 17Page - NEC UPD72862GC-9EU Datasheet HTML 18Page - NEC UPD72862GC-9EU Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet S14265EJ2V0DS00
15
µµµµPD72862
2.1.11 Offset_10
Base Address 0 Register
This register specifies the base memory address for accessing all the “Operation registers” (i.e. control,
configuration, and status registers) of the
µPD72862, while the BIOS is expected to set this value during power-up
reset.
Bits
R/W
Description
11-0
R
Constant value of 000H. These bits are “read-only”.
31-12
R/W
-
2.1.12 Offset_2C
Subsystem Vendor ID Register
This register identifies the subsystem that contains the NEC’s
µPD72862 function. While the ID is assigned by the
PCI_SIG committee, the value should be loaded into the register from the external serial EEPROM after power-up
reset. Access to this register through PCI-bus is prohibited.
Bits
R/W
Description
15-0
R
Default value of 1033H.
2.1.13 Offset_2E
Subsystem ID Register
This register identifies the type of the subsystem that contains the NEC’s
µPD72862 function. While the ID is
assigned by the manufacturer, the value should be loaded into the register from the external serial EEPROM after
power-up reset. Access to this register through PCI-bus is prohibited.
Bits
R/W
Description
15-0
R
Default value of 0063H.
2.1.14 Offset_30
Expansion Rom Base Address Register
This register is not supported by the current implementation of the
µPD72862.
Bits
R/W
Description
31-0
R
Reserved Constant value of 0.
2.1.15 Offset_34
Cap_Ptr Register
This register points to a linked list of additional capabilities specific to the
µPD72862, the NEC’s implementation of
the 1394 OpenHCI specification.
Bits
R/W
Description
7-0
R
Constant value of 60H. The value represents an offset into the
µPD72862’s PCI Configuration
Space for the location of the first item in the New Capabilities Linked List.


Similar Part No. - UPD72862GC-9EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72862GC-9EU RENESAS-UPD72862GC-9EU Datasheet
379Kb / 38P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD72862GC-9EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72870 NEC-UPD72870 Datasheet
337Kb / 48P
   IEEE1394 1-CHIP OHCI HOST CONTROLLER
UPD72874 NEC-UPD72874 Datasheet
297Kb / 40P
   IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
logo
Texas Instruments
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
[Old version datasheet]   OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
[Old version datasheet]   OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com