Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD7225GB-3B7 Datasheet(PDF) 37 Page - NEC

Part # UPD7225GB-3B7
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225GB-3B7 Datasheet(HTML) 37 Page - NEC

Back Button UPD7225GB-3B7 Datasheet HTML 33Page - NEC UPD7225GB-3B7 Datasheet HTML 34Page - NEC UPD7225GB-3B7 Datasheet HTML 35Page - NEC UPD7225GB-3B7 Datasheet HTML 36Page - NEC UPD7225GB-3B7 Datasheet HTML 37Page - NEC UPD7225GB-3B7 Datasheet HTML 38Page - NEC UPD7225GB-3B7 Datasheet HTML 39Page - NEC UPD7225GB-3B7 Datasheet HTML 40Page - NEC UPD7225GB-3B7 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Data Sheet S14308EJ6V0DS00
37
µµµµPD7225
10. ELECTRICAL CHARACTERISTICS
Absolute Maximum Rating (TA = 25
°°°°C)
Item
Symbol
Condition
Rating
Units
Power supply voltage
VDD
−0.3 to +7.0
V
Input voltage
VI
−0.3 to VDD +0.3
V
Output voltage
VO
−0.3 to VDD +0.3
V
Operating ambient temperature
TA
−10 to +70
°C
Storage temperature
Tstg
−65 to +150
°C
Caution
If the absolute maximum rating of even one of the above parameters is exceeded
even momentarily, the quality of the product may be degraded. Absolute maximum
ratings, therefore, specify the values exceeding which the product may be physically
damaged. Be sure to use the product within the range of the absolute maximum
ratings.
Capacitance (TA = 25
°°°°C, VDD = 0 V)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Units
Input capacitance
CIN
10
pF
Output capacitance
COUT1
Except /BUSY
20
pF
Output capacitance
COUT2
/BUSY
15
pF
Input/output capacitance
CIO
/SYNC
15
pF
Clock capacitance
CC
CL1
30
pF
f = 1 MHz pins
other than those
used for
measurement
are 0 V.


Similar Part No. - UPD7225GB-3B7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD7225GB-3B7 RENESAS-UPD7225GB-3B7 Datasheet
435Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD7225GB-3B7

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A31W65132 AMICC-A31W65132 Datasheet
627Kb / 41P
   LCD Controller-Driver
logo
Sanyo Semicon Device
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
   LCD Controller/Driver
logo
NXP Semiconductors
PCF2105 PHILIPS-PCF2105 Datasheet
289Kb / 48P
   LCD controller/driver
1998 Jul 30
logo
OKI electronic componet...
ML9055A OKI-ML9055A Datasheet
377Kb / 59P
   LCD Controller/Driver
logo
Sanyo Semicon Device
LC7986C SANYO-LC7986C Datasheet
712Kb / 32P
   LCD Controller/Driver?
logo
Seiko Instruments Inc
S-4544A SII-S-4544A Datasheet
2Mb / 38P
   LCD Controller-Driver
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
   LCD controller/driver
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
   LCD Controller-Driver
logo
HYCON Technology Corpor...
HY2613 HYCON-HY2613 Datasheet
1Mb / 59P
   LCD Controller Driver
logo
Seiko Instruments Inc
S-4562A SII-S-4562A Datasheet
937Kb / 14P
   LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com