Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE200A Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # P6KE200A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

P6KE200A Datasheet(HTML) 2 Page - Zowie Technology Corporation

  P6KE200A Datasheet HTML 1Page - Zowie Technology Corporation P6KE200A Datasheet HTML 2Page - Zowie Technology Corporation P6KE200A Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zowie Technology Corporation
P6KE SERIES
Zowie Technology Corporation
2011/05
P6KE6.8A
P6KE7.5A
P6KE8.2A
P6KE9.1A
P6KE10A
P6KE11A
P6KE12A
P6KE13A
P6KE15A
P6KE16A
P6KE18A
P6KE20A
P6KE22A
P6KE24A
P6KE27A
P6KE30A
P6KE33A
P6KE36A
P6KE39A
P6KE43A
P6KE47A
P6KE51A
P6KE56A
P6KE62A
P6KE68A
P6KE75A
P6KE82A
P6KE91A
P6KE100A
P6KE110A
P6KE120A
P6KE130A
P6KE150A
P6KE160A
P6KE170A
P6KE180A
P6KE200A
P6KE220A
P6KE250A
P6KE300A
P6KE350A
P6KE380A
P6KE400A
P6KE440A
P6KE500A
P6KE520A
P6KE550A
P6KE600A
P6KE6.8CA
P6KE7.5CA
P6KE8.2CA
P6KE9.1CA
P6KE10CA
P6KE11CA
P6KE12CA
P6KE13CA
P6KE15CA
P6KE16CA
P6KE18CA
P6KE20CA
P6KE22CA
P6KE24CA
P6KE27CA
P6KE30CA
P6KE33CA
P6KE36CA
P6KE39CA
P6KE43CA
P6KE47CA
P6KE51CA
P6KE56CA
P6KE62CA
P6KE68CA
P6KE75CA
P6KE82CA
P6KE91CA
P6KE100CA
P6KE110CA
P6KE120CA
P6KE130CA
P6KE150CA
P6KE160CA
P6KE170CA
P6KE180CA
P6KE200CA
P6KE220CA
P6KE250CA
P6KE300CA
P6KE350CA
P6KE380CA
P6KE400CA
P6KE440CA
P6KE500CA
P6KE520CA
P6KE550CA
P6KE600CA
5.8
6.4
7.0
7.8
8.6
9.4
10.2
11.1
12.8
13.6
15.3
17.1
18.8
20.5
23.1
25.6
28.2
30.8
33.3
36.8
40.2
43.6
47.8
53.0
58.1
64.1
70.1
77.8
85.5
94.0
102.0
111.0
128.0
136.0
145.0
154.0
171.0
185.0
214.0
256.0
299.0
325.0
342.0
376.0
427.5
444.6
470.3
513.0
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
40.85
44.65
48.45
53.20
58.90
64.60
71.25
77.90
86.45
95.0
104.5
114.0
123.5
142.5
152.0
161.5
171.0
190.0
209.0
237.5
285.0
332.5
361.0
380.0
418.0
475.0
494.0
522.5
570.0
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
45.15
49.35
53.55
58.80
65.10
71.40
78.75
86.10
95.55
105.0
115.5
126.0
136.5
157.5
168.0
178.5
189.0
210.0
231.0
262.5
315.0
367.5
399.0
420.0
462.0
525.0
546.0
577.5
630.0
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.5
11.3
12.1
13.4
14.5
15.6
16.7
18.2
21.2
22.5
25.2
27.7
30.6
33.2
37.5
41.4
45.7
49.9
53.9
59.3
64.8
70.1
77.0
85.0
92.0
103.0
113.0
125.0
137.0
152.0
165.0
179.0
207.0
219.0
234.0
246.0
274.0
328.0
344.0
414.0
482.0
524.0
548.0
602.0
690.0
717.6
759.0
828.0
57.1
53.1
49.6
44.8
41.4
38.5
35.9
33.0
28.3
26.7
23.8
21.7
19.6
18.1
16.0
14.5
13.1
12.0
11.1
10.1
9.26
8.56
7.79
7.06
6.52
5.83
5.31
4.80
4.38
3.95
3.64
3.35
2.90
2.74
2.56
2.44
2.19
1.83
1.74
1.45
1.24
1.14
1.09
1.00
0.87
0.84
0.79
0.72
1000
500
200
50
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
PART NUMBER
UNI-POLAR
BI-POLAR
Maximum Reverse
Leakage IR (μA)
@VRWM
Maximum Clamping
Voltage VC (V)
@ IPP
Maximum Reverse
Surge Current
IPP (A)
@10 x 1000μs
sinewave
Working Peak
Reverse Voltage
VRWM
(V)
Breakdown Voltage VBR @IT
Min. (V)
Max. (V)
IT (mA)
NOTE : 1. Suffix " A " denotes 5% tolerance device.
2. Add suffix " CA " after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .


Similar Part No. - P6KE200A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE200A MOTOROLA-P6KE200A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE200A VISHAY-P6KE200A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
HuaXinAn Electronics CO...
P6KE200A HUAXINAN-P6KE200A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Fuji Electric
P6KE200A FUJI-P6KE200A Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Microdiode Electronics ...
P6KE200A CHENDA-P6KE200A Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
More results

Similar Description - P6KE200A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com