Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISPLSI2032VE-135LJ44 Datasheet(PDF) 14 Page - Lattice Semiconductor

Part No. ISPLSI2032VE-135LJ44
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VE-135LJ44 Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button ISPLSI2032VE-135LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Specifications ispLSI 2032VE
14
Part Number Description
ispLSI 2032VE Ordering Information
Device Number
2032VE
ispLSI 2032VE – XXX
X
XXX
Grade
Blank = Commercial
I = Industrial
X
Speed
225 = 225 MHz
fmax
180 = 180 MHz
fmax
135 = 135 MHz
fmax
110 = 110 MHz
fmax
Power
L = Low
Package
T44 = 44-Pin TQFP
T48 = 48-Pin TQFP
J44 = 44-Pin PLCC
B49 = 49-Ball caBGA
Device Family
0212A/2032VE
135
44-Pin TQFP
7.5
ispLSI 2032VE-135LT44
135
48-Pin TQFP
7.5
ispLSI 2032VE-135LT48
135
44-Pin PLCC
7.5
ispLSI 2032VE-135LJ44
135
49-Ball caBGA
7.5
ispLSI 2032VE-135LB49
110
10
44-Pin PLCC
ispLSI 2032VE-110LJ44
110
10
49-Ball caBGA
ispLSI 2032VE-110LB49
110
10
44-Pin TQFP
ispLSI 2032VE-110LT44
110
10
48-Pin TQFP
ispLSI 2032VE-110LT48
Table 2-0041A/2032VE
180
5.0
44-Pin PLCC
ispLSI 2032VE-180LJ44
180
5.0
49-Ball caBGA
ispLSI 2032VE-180LB49
ispLSI
180
44-Pin TQFP
5.0
ispLSI 2032VE-180LT44
180
48-Pin TQFP
5.0
ispLSI 2032VE-180LT48
FAMILY
fmax (MHz)
ORDERING NUMBER
PACKAGE
tpd (ns)
225
44-Pin PLCC
4.0
ispLSI 2032VE-225LJ44
225
49-Ball caBGA
4.0
ispLSI 2032VE-225LB49
225
44-Pin TQFP
4.0
ispLSI 2032VE-225LT44
225
48-Pin TQFP
4.0
ispLSI 2032VE-225LT48
COMMERCIAL
Table 2-0041B/2032VE
FAMILY
fmax (MHz)
ORDERING NUMBER
PACKAGE
tpd (ns)
ispLSI
180
44-Pin TQFP
5.0
ispLSI 2032VE-180LT44I
INDUSTRIAL


Similar Part No. - ISPLSI2032VE-135LJ44

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2032VE LATTICE-ISPLSI2032VE Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LB49 LATTICE-ISPLSI2032VE110LB49 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LB49I LATTICE-ISPLSI2032VE110LB49I Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LJ44 LATTICE-ISPLSI2032VE110LJ44 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LJ44I LATTICE-ISPLSI2032VE110LJ44I Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2032VE-135LJ44

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz