Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISPLSI2032VE-135LJ44 Datasheet(PDF) 13 Page - Lattice Semiconductor

Part No. ISPLSI2032VE-135LJ44
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VE-135LJ44 Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button ISPLSI2032VE-135LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032VE-135LJ44 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Specifications ispLSI 2032VE
13
Signal Configuration
ispLSI 2032VE 49-Ball caBGA Signal Diagram
7654321
A
B
C
D
E
F
G
A
B
C
D
E
F
G
7654321
I/O
21
I/O
23
I/O
25
I/O
27
NC1
NC1
I/O
16
I/O
18
TMS/
NC1
TCK/
Y2
I/O
19
I/O
29
I/O
28
Y0
GND
I/O
11
I/O
9
TDO/
IN1
I/O
5
I/O
7
1. NCs are not to be connected to any active signals, VCC or GND.
Note: Ball A1 indicator dot on top side of package.
I/O
14
I/O
10
I/O
8
I/O
6
I/O
4
I/O
1
I/O
2
49-BGA/2032VE
RESET/
Y1
VCC
VCC
I/O
15
I/O
31
NC1
I/O
13
I/O
12
I/O
3
I/O
0
TDI/
IN0
GOE
0
BSCAN
I/O
22
I/O
20
I/O
17
I/O
24
I/O
26
I/O
30
NC1
NC1
GND
Bottom View
ispLSI 2032VE
Pin Configuration
ispLSI 2032VE 48-Pin TQFP Pinout Diagram
I/O 18
I/O 17
I/O 16
TMS/NC2
RESET/Y11
VCC
TCK/Y21
I/O 15
I/O 14
I/O 13
I/O 12
I/O 28
I/O 29
I/O 30
I/O 31
Y0
VCC
BSCAN
1TDI/IN 0
I/O 0
I/O 1
I/O 2
ispLSI 2032VE
Top View
1
2
3
4
6
5
7
8
9
10
11
35
34
33
32
31
30
29
28
27
26
25
47
13
46
14
45
15
44
16
43
17
42
18
41
19
40
20
39
21
38
22
37
23
48TQFP/2032VE
2NC
12
24
NC2
36
48
1. Pins have dual function capability.
2. NC pins are not to be connected to any active signals, VCC or GND.


Similar Part No. - ISPLSI2032VE-135LJ44

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2032VE LATTICE-ISPLSI2032VE Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LB49 LATTICE-ISPLSI2032VE110LB49 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LB49I LATTICE-ISPLSI2032VE110LB49I Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LJ44 LATTICE-ISPLSI2032VE110LJ44 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LJ44I LATTICE-ISPLSI2032VE110LJ44I Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2032VE-135LJ44

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz