Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1032EA-200LT100 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPLSI1032EA-200LT100
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032EA-200LT100 Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPLSI1032EA-200LT100 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI1032EA-200LT100 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1032EA-200LT100 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1032EA-200LT100 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1032EA-200LT100 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032EA-200LT100 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032EA-200LT100 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032EA-200LT100 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032EA-200LT100 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Specifications ispLSI 1032EA
Absolute Maximum Ratings 1
Supply Voltage Vcc .................................. -0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
TA = 0°C to + 70°C
SYMBOL
Table 2-0005/1032EA
VCC
VCCIO
VIH
VIL
PARAMETER
Supply Voltage
Supply Voltage: Output Drivers
Input High Voltage
Input Low Voltage
MIN.
MAX.
UNITS
4.75
4.75
3.0
2.0
0
5.25
5.25
3.6
Vcc+1
0.8
V
V
V
V
V
Commercial
5V
3.3V
Capacitance (T
A=25
oC, f=1.0 MHz)
Erase/Reprogram Specifications
Table 2-0008/1032EA
PARAMETER
Erase/Reprogram Cycles
MINIMUM
MAXIMUM
UNITS
10000
Cycles
C
SYMBOL
Table 2-0006/1032EA
C
PARAMETER
Y0 Clock Capacitance
10
UNITS
TYPICAL
TEST CONDITIONS
1
2
8
Dedicated Input, I/O, Y1, Y2, Y3, Clock Capacitance
(Commercial/Industrial)
pf
pf
V = 5.0V, V
= 2.0V
V = 5.0V, V
= 2.0V
CC
CC
PIN
PIN


Similar Part No. - ISPLSI1032EA-200LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032EA-200LT100 LATTICE-ISPLSI1032EA-200LT100 Datasheet
172Kb / 16P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1032EA-200LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com