Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE27A Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # P4KE27A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

P4KE27A Datasheet(HTML) 2 Page - Zowie Technology Corporation

  P4KE27A Datasheet HTML 1Page - Zowie Technology Corporation P4KE27A Datasheet HTML 2Page - Zowie Technology Corporation P4KE27A Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zowie Technology Corporation
P4KE SERIES
Zowie Technology Corporation
2011/05
P4KE6.8A
P4KE7.5A
P4KE8.2A
P4KE9.1A
P4KE10A
P4KE11A
P4KE12A
P4KE13A
P4KE15A
P4KE16A
P4KE18A
P4KE20A
P4KE22A
P4KE24A
P4KE27A
P4KE30A
P4KE33A
P4KE36A
P4KE39A
P4KE43A
P4KE47A
P4KE51A
P4KE56A
P4KE62A
P4KE68A
P4KE75A
P4KE82A
P4KE91A
P4KE100A
P4KE110A
P4KE120A
P4KE130A
P4KE150A
P4KE160A
P4KE170A
P4KE180A
P4KE200A
P4KE220A
P4KE250A
P4KE300A
P4KE350A
P4KE380A
P4KE400A
P4KE440A
P4KE500A
P4KE520A
P4KE550A
P4KE600A
P4KE6.8CA
P4KE7.5CA
P4KE8.2CA
P4KE9.1CA
P4KE10CA
P4KE11CA
P4KE12CA
P4KE13CA
P4KE15CA
P4KE16CA
P4KE18CA
P4KE20CA
P4KE22CA
P4KE24CA
P4KE27CA
P4KE30CA
P4KE33CA
P4KE36CA
P4KE39CA
P4KE43CA
P4KE47CA
P4KE51CA
P4KE56CA
P4KE62CA
P4KE68CA
P4KE75CA
P4KE82CA
P4KE91CA
P4KE100CA
P4KE110CA
P4KE120CA
P4KE130CA
P4KE150CA
P4KE160CA
P4KE170CA
P4KE180CA
P4KE200CA
P4KE220CA
P4KE250CA
P4KE300CA
P4KE350CA
P4KE380CA
P4KE400CA
P4KE440CA
P4KE500CA
P4KE520CA
P4KE550CA
P4KE600CA
5.8
6.4
7.0
7.8
8.6
9.4
10.2
11.1
12.8
13.6
15.3
17.1
18.8
20.5
23.1
25.6
28.2
30.8
33.3
36.8
40.2
43.6
47.8
53.0
58.1
64.1
70.1
77.8
85.5
94.0
102.0
111.0
128.0
136.0
145.0
154.0
171.0
185.0
214.0
256.0
299.0
325.0
342.0
376.0
427.5
444.6
470.3
513.0
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
40.85
44.65
48.45
53.20
58.90
64.60
71.25
77.90
86.45
95.0
104.5
114.0
123.5
142.5
152.0
161.5
171.0
190.0
209.0
237.5
285.0
332.5
361.0
380.0
418.0
475.0
494.0
522.5
570.0
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
45.15
49.35
53.55
58.80
65.10
71.40
78.75
86.10
95.55
105.0
115.5
126.0
136.5
157.5
168.0
178.5
189.0
210.0
231.0
262.5
315.0
367.5
399.0
420.0
462.0
525.0
546.0
577.5
630.0
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.5
11.3
12.1
13.4
14.5
15.6
16.7
18.2
21.2
22.5
25.2
27.7
30.6
33.2
37.5
41.4
45.7
49.9
53.9
59.3
64.8
70.1
77.0
85.0
92.0
103.0
113.0
125.0
137.0
152.0
165.0
179.0
207.0
219.0
234.0
246.0
274.0
328.0
344.0
414.0
482.0
524.0
548.0
602.0
690.0
717.6
759.0
828.0
38.1
35.4
33.1
29.9
27.6
25.6
24.0
22.0
18.9
17.8
15.9
14.4
13.1
12.0
10.7
9.66
8.75
8.02
7.42
6.75
6.17
5.71
5.19
4.71
4.35
3.88
3.54
3.20
2.92
2.63
2.42
2.23
1.93
1.83
1.71
1.63
1.46
1.22
1.16
0.97
0.83
0.76
0.73
0.66
0.58
0.56
0.53
0.48
1000
500
200
50
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
PART NUMBER
UNI-POLAR
BI-POLAR
Maximum Reverse
Leakage IR (μA)
@VRWM
Maximum Clamping
Voltage VC (V)
@ IPP
Maximum Reverse
Surge Current
IPP (A)
@10 x 1000μs
sinewave
Working Peak
Reverse Voltage
VRWM
(V)
Breakdown Voltage VBR @IT
Min. (V)
Max. (V)
IT (mA)
NOTE : 1. Suffix " A " denotes 5% tolerance device.
2. Add suffix " CA " after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the I


Similar Part No. - P4KE27A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE27A SY-P4KE27A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE27A RFE-P4KE27A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Pan Jit International I...
P4KE27A PANJIT-P4KE27A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE27A TSC-P4KE27A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Ruilongyuan Electronics...
P4KE27A RUILON-P4KE27A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4KE27A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com