Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1032E-70LJ Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPLSI1032E-70LJ
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032E-70LJ Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI1032E-70LJ Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1032E-70LJ Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1032E-70LJ Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1032E-70LJ Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032E-70LJ Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032E-70LJ Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032E-70LJ Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032E-70LJ Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1032E-70LJ Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Specifications ispLSI 1032E
tpd1
UNITS
TEST
COND.
1. Unless noted otherwise, all parameters use the GRP, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
Table 2-0030B/1032E
1
4
3
1
tsu2 + tco1
(
)
-70
MIN. MAX.
DESCRIPTION
#
2
PARAMETER
A1
Data Propagation Delay, 4PT Bypass, ORP Bypass
15.0
ns
tpd2
A2
Data Propagation Delay, Worst Case Path
ns
fmax (Int.)
A3
Clock Frequency with Internal Feedback
70.0
MHz
fmax (Ext.)
–4
Clock Frequency with External Feedback
MHz
fmax (Tog.)
–5
Clock Frequency, Max. Toggle
MHz
tsu1
–6
GLB Reg. Setup Time before Clock,4 PT Bypass
ns
tco1
A7
GLB Reg. Clock to Output Delay, ORP Bypass
ns
th1
–8
GLB Reg. Hold Time after Clock, 4 PT Bypass
ns
tsu2
–9
GLB Reg. Setup Time before Clock
ns
tco2
–10
GLB Reg. Clock to Output Delay
ns
th2
–11
GLB Reg. Hold Time after Clock
ns
tr1
A12
Ext. Reset Pin to Output Delay
ns
trw1
–13
Ext. Reset Pulse Duration
ns
tptoeen
B14
Input to Output Enable
ns
tptoedis
C15
Input to Output Disable
ns
twh
18
External Synchronous Clock Pulse Duration, High
5.0
ns
twl
–19
External Synchronous Clock Pulse Duration, Low
5.0
ns
tsu3
–20
I/O Reg. Setup Time before Ext. Sync Clock (Y2, Y3)
ns
th3
–21
I/O Reg. Hold Time after Ext. Sync. Clock (Y2, Y3)
ns
56.0
100
9.0
0.0
11.0
0.0
10.0
4.0
0.0
17.5
7.0
8.0
15.0
18.0
18.0
(
)
1
twh + tw1
tgoeen
B16
Global OE Output Enable
ns
12.0
tgoedis
C17
Global OE Output Disable
ns
-90
MIN. MAX.
10.0
90.0
0.0
8.5
0.0
6.5
4.0
4.0
3.5
0.0
69.0
125
7.5
6.0
7.0
13.5
15.0
15.0
12.5
9.0
9.0
12.0
-80
MIN. MAX.
12.0
80.0
4.5
4.5
61.0
111
8.5
0.0
10.0
0.0
8.0
3.5
0.0
15.0
6.5
7.5
14.0
16.5
16.5
10.0
10.0
External Timing Parameters
Over Recommended Operating Conditions


Similar Part No. - ISPLSI1032E-70LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032E-70LJ LATTICE-ISPLSI1032E-70LJ Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISPLSI1032E-70LJ LATTICE-ISPLSI1032E-70LJ Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI1032E-70LJI LATTICE-ISPLSI1032E-70LJI Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISPLSI1032E-70LJI LATTICE-ISPLSI1032E-70LJI Datasheet
301Kb / 17P
   High-Density Programmable Logic
More results

Similar Description - ISPLSI1032E-70LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com