Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1024EA Datasheet(PDF) 4 Page - Lattice Semiconductor

Part No. 1024EA
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

1024EA Datasheet(HTML) 4 Page - Lattice Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Specifications ispLSI 1024EA
Absolute Maximum Ratings 1
Supply Voltage Vcc .................................. -0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
TA = 0°C to + 70°C
SYMBOL
Table 2-0005/1024EA
VCC
VCCIO
VIH
VIL
PARAMETER
Supply Voltage
Supply Voltage: Output Drivers
Input High Voltage
Input Low Voltage
MIN.
MAX.
UNITS
4.75
4.75
3.0
2.0
0
5.25
5.25
3.6
Vcc+1
0.8
V
V
V
V
V
Commercial
5V
3.3V
Capacitance (T
A=25
oC, f=1.0 MHz)
Erase/Reprogram Specifications
Table 2-0008/1024EA
PARAMETER
Erase/Reprogram Cycles
MINIMUM
MAXIMUM
UNITS
10000
Cycles
C
SYMBOL
Table 2-0006/1024EA
C
PARAMETER
Y0 Clock Capacitance
10
UNITS
TYPICAL
TEST CONDITIONS
1
2
8
Dedicated Input, I/O, Y1, Y2, Y3, Clock Capacitance
(Commercial/Industrial)
pf
pf
V = 5.0V, V
= 2.0V
V = 5.0V, V
= 2.0V
CC
CC
PIN
PIN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn