Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1024EA Datasheet(PDF) 5 Page - Lattice Semiconductor

Part No. 1024EA
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

1024EA Datasheet(HTML) 5 Page - Lattice Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Specifications ispLSI 1024EA
Output Load Conditions (see Figure 3)
Switching Test Conditions
TEST CONDITION
R1
R2
CL
A
470
390
35pF
B
390
35pF
470
390
35pF
Active High
Active Low
C
470
390
5pF
390
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2-0004/1024EA
Figure 3. Test Load
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213a
DC Electrical Characteristics
Over Recommended Operating Conditions
Input Pulse Levels
Table 2-0003/1024EA
Input Rise and Fall Time 10% to 90%
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
1.5V
1.5V
See Figure 3
3-state levels are measured 0.5V from
steady-state active level.
1.5ns
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. VOUT = 0.5V was selected to avoid test
problems by tester ground degradation. Characterized but not 100% tested.
2. Measured using eight 16-bit counters.
3. Typical values are at VCC = 5V and TA = 25
°C.
4. Unused inputs held at 0.0V.
5. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to the
Power Consumption section of this data sheet and the Thermal Management section of the Lattice Semiconductor
Data Book CD-ROM to estimate maximum ICC.
Table 2-0007/1024EA
IIH
IIL
PARAMETER
IIL-PU
IOS1
ICC2,4,5
Output Low Voltage
Input or I/O Low Leakage Current
Operating Power Supply Current
IOL = 8 mA
0V
≤ V
IN ≤ VIL (Max.)
VIL = 0.0V, VIH = 3.0V
CONDITION
MIN.
TYP.
3
MAX. UNITS
0.4
10
-10
10
V
VOH
Output High Voltage
IOH = -2 mA, VCCIO = 3.0V
IOH = -4 mA, VCCIO = 4.75V
2.4
——
V
2.4
——
V
µA
Input or I/O High Leakage Current
VCCIO ≤ VIN ≤ 5.25V
(VCCIO - 0.2)V ≤ VIN ≤ VCCIO
µA
µA
I/O Active Pull-Up Current
0V
≤ V
IN ≤ VIL
-200
µA
Output Short Circuit Current
VCCIO = 5.0V or 3.3V, VOUT = 0.5V
——
-240
mA
152
mA
fTOGGLE = 1 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn