Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRT25M50SLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBRT25M50SLP
Description  25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT25M50SLP Datasheet(HTML) 3 Page - Diodes Incorporated

  SBRT25M50SLP_15 Datasheet HTML 1Page - Diodes Incorporated SBRT25M50SLP_15 Datasheet HTML 2Page - Diodes Incorporated SBRT25M50SLP_15 Datasheet HTML 3Page - Diodes Incorporated SBRT25M50SLP_15 Datasheet HTML 4Page - Diodes Incorporated SBRT25M50SLP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBRT and POWERDI are registered trademarks of Diodes Incorporated.
SBRT25M50SLP
Document number: DS36941 Rev. 3 - 2
3 of 5
www.diodes.com
February 2015
© Diodes Incorporated
SBRT25M50SLP
I
AVERAGE FORWARD CURRENT (A)
Figure 1 Forward Power Dissipation
F(AV)
0
2
4
6
8
10
12
14
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
600
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
0.001
0.1
10
1000
100000
0
10
20
30
40
50
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
V , DC REVERSE VOLTAGE (V)
R
Figure 4 Total Capacitance vs. Reverse Voltage
10
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
f = 1MHz
T , AMBIENT TEMPERATURE (°C)
A
Figure 5 Forward Current Derating Curve
Note 5
0
5
10
15
20
25
30
0
25
50
75
100
125
150


Similar Part No. - SBRT25M50SLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT25M50SLP-13 DIODES-SBRT25M50SLP-13 Datasheet
399Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
February 2015
More results

Similar Description - SBRT25M50SLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT25U50SLP DIODES-SBRT25U50SLP_15 Datasheet
398Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25U60SLP DIODES-SBRT25U60SLP_15 Datasheet
399Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25U80SLP DIODES-SBRT25U80SLP_15 Datasheet
389Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25M60SLP DIODES-SBRT25M60SLP_15 Datasheet
313Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20M80SLP DIODES-SBRT20M80SLP_15 Datasheet
399Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20U50SLP DIODES-SBRT20U50SLP_15 Datasheet
545Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20U50SLPQ DIODES-SBRT20U50SLPQ_15 Datasheet
337Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT25M60SLP DIODES-SBRT25M60SLP Datasheet
475Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER PowerDI5060-8
May 2021
SBRT25U50SLP DIODES-SBRT25U50SLP Datasheet
666Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER PowerDI5060-8
May 2021
SBRT25U60SLP DIODES-SBRT25U60SLP Datasheet
399Kb / 5P
   25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
April 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com