Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRT20U100SLP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBRT20U100SLP
Description  20A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT20U100SLP Datasheet(HTML) 4 Page - Diodes Incorporated

  SBRT20U100SLP_15 Datasheet HTML 1Page - Diodes Incorporated SBRT20U100SLP_15 Datasheet HTML 2Page - Diodes Incorporated SBRT20U100SLP_15 Datasheet HTML 3Page - Diodes Incorporated SBRT20U100SLP_15 Datasheet HTML 4Page - Diodes Incorporated SBRT20U100SLP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBRT20U100SLP
Document number: DS36702 Rev. 5 - 2
4 of 5
www.diodes.com
March 2015
© Diodes Incorporated
SBRT20U100SLP
Y7
X3
Y2
Y5
X1
G1
X
C
Y(4x)
G
X2
Y3
Y4
Y6
X4
Y1
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI5060-8
Dim
Min
Max
Typ
A
0.90
1.10
1.00
A1
0.00
0.05
b
0.33
0.51
0.41
b2
0.200 0.350 0.273
b3
0.40
0.80
0.60
c
0.230 0.330 0.277
D
5.15 BSC
D1
4.70
5.10
4.90
D2
3.70
4.10
3.90
D3
3.90
4.30
4.10
E
6.15 BSC
E1
5.60
6.00
5.80
E2
3.28
3.68
3.48
E3
3.99
4.39
4.19
e
1.27 BSC
G
0.51
0.71
0.61
K
0.51
L
0.51
0.71
0.61
L1
0.100 0.200 0.175
M
3.235 4.035 3.635
M1
1.00
1.40
1.21
θ
10°
12°
11º
θ
1
All Dimensions in mm
Dimensions
Value (in mm)
C
1.270
G
0.660
G1
0.820
X
0.610
X1
4.100
X2
0.755
X3
4.420
X4
5.610
Y
1.270
Y1
0.600
Y2
1.020
Y3
0.295
Y4
1.825
Y5
3.810
Y6
0.180
Y7
6.610
D1
E1
A
L
K
M
L1
D2
G
E2
Detail A
O (4X)
A1
c
e
D
E
1
Detail A
b (8X)
e/2
1
O (4X)
M1
b2 (4X)
b3 (4X)
E3
D3


Similar Part No. - SBRT20U100SLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20U100SLP-13 DIODES-SBRT20U100SLP-13 Datasheet
181Kb / 5P
   20A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
March 2015
More results

Similar Description - SBRT20U100SLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT20M80SLP DIODES-SBRT20M80SLP_15 Datasheet
399Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20U50SLP DIODES-SBRT20U50SLP_15 Datasheet
545Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20U50SLPQ DIODES-SBRT20U50SLPQ_15 Datasheet
337Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
SBRT20M80SP5 DIODES-SBRT20M80SP5 Datasheet
479Kb / 5P
   20A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
SBRT20U100SLP DIODES-SBRT20U100SLP Datasheet
181Kb / 5P
   20A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
March 2015
SBRT40M80CTB DIODES-SBRT40M80CTB Datasheet
628Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT05U10LP DIODES-SBRT05U10LP Datasheet
194Kb / 5P
   0.5A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U20LP DIODES-SBRT6U20LP Datasheet
212Kb / 5P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT40V100CT DIODES-SBRT40V100CT_15 Datasheet
210Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT5A50SA DIODES-SBRT5A50SA Datasheet
224Kb / 5P
   5A Trench SBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com