Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRT15U100SP5-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBRT15U100SP5-7
Description  15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT15U100SP5-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBRT15U100SP5-7 Datasheet HTML 1Page - Diodes Incorporated SBRT15U100SP5-7 Datasheet HTML 2Page - Diodes Incorporated SBRT15U100SP5-7 Datasheet HTML 3Page - Diodes Incorporated SBRT15U100SP5-7 Datasheet HTML 4Page - Diodes Incorporated SBRT15U100SP5-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWERDI are registered trademarks of Diodes Incorporated.
SBRT15U100SP5
Document number: DS36524 Rev. 5 - 2
1 of 5
www.diodes.com
April 2015
© Diodes Incorporated
SBRT15U100SP5
POWERDI
®5
15A TrenchSBR
TRENCH SUPER BARRIER RECTIFIER
POWERDI
®5
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@+25°C
IR (MAX) (mA)
@+25°C
100
15
0.7
0.25
Description and Applications
Packaged in the compact thermally efficient POWERDI5 package, the
SBRT15U100SP5 provides very low VF and provides excellent
reverse leakage stability at high temperatures. It is ideal for use as a
rectification, freewheeling or polarity protection diode.
Features and Benefits
Ultra low forward voltage drop (VF) helps – minimizes power
losses
Reduced high temperature reverse leakage; increased reliability
against thermal runaway failure in high temperature operation
Thermally efficient package for cooler running applications
Less than 1.1mm package profile ideal for thin applications
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI
®5
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Weight: 0.093 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SBRT15U100SP5-13
POWERDI
®5
5,000/Tape & Reel
SBRT15U100SP5-13D(Note 5)
POWERDI
®5
5,000/Tape & Reel
SBRT15U100SP5-7
POWERDI
®5
1,500/Tape & Reel
SBRT15U100SP5-7D (Note 5)
POWERDI
®5
1,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
5. POWERDI5 available in 5K quantity on 13-
inch reel &12mm tape, part number suffix “13D”; 1.5K quantity on 7-inch reel also, part number suffix “7”.
Diodes also provides 12mm tape with 7-inch reel, part number suffix
“7D”.
Marking Information
Bottom View
Top View
POWERDI
®5
Green
T15U100S = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 14 = 2014)
K = Factory Designator
YYWWK
T15U50S
T15U100S


Similar Part No. - SBRT15U100SP5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT15U100SP5-7 DIODES-SBRT15U100SP5-7 Datasheet
314Kb / 5P
   15A Trench SBR TRENCH SUPER BARRIER RECTIFIER PowerDI5
SBRT15U100SP5-7D DIODES-SBRT15U100SP5-7D Datasheet
314Kb / 5P
   15A Trench SBR TRENCH SUPER BARRIER RECTIFIER PowerDI5
More results

Similar Description - SBRT15U100SP5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT15U50SP5 DIODES-SBRT15U50SP5_15 Datasheet
463Kb / 5P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15M50AP5 DIODES-SBRT15M50AP5_15 Datasheet
230Kb / 4P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT20U60SP5 DIODES-SBRT20U60SP5_15 Datasheet
466Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT20M60SP5 DIODES-SBRT20M60SP5_15 Datasheet
464Kb / 5P
   20A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5
SBRT15M50AP5 DIODES-SBRT15M50AP5 Datasheet
445Kb / 5P
   15A TrenchSBR TRENCH SUPER BARRIER RECTIFIER PowerDI5
January 2020
SBR15U50SP5 DIODES-SBR15U50SP5_15 Datasheet
210Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR15U30SP5Q DIODES-SBR15U30SP5Q_15 Datasheet
239Kb / 6P
   SUPER BARRIER RECTIFIER 15A SBR짰 POWERDI짰5
SBR15A30SP5 DIODES-SBR15A30SP5_15 Datasheet
211Kb / 6P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBRT3M60SA DIODES-SBRT3M60SA_15 Datasheet
507Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT4M30LP DIODES-SBRT4M30LP_15 Datasheet
375Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com