Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRT5A50SAF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBRT5A50SAF
Description  5A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT5A50SAF Datasheet(HTML) 1 Page - Diodes Incorporated

  SBRT5A50SAF_15 Datasheet HTML 1Page - Diodes Incorporated SBRT5A50SAF_15 Datasheet HTML 2Page - Diodes Incorporated SBRT5A50SAF_15 Datasheet HTML 3Page - Diodes Incorporated SBRT5A50SAF_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR is registered trademarks of Diodes Incorporated.
SBRT5A50SAF
Document number: DS36544 Rev. 6 - 2
1 of 4
www.diodes.com
April 2015
© Diodes Incorporated
SBRT5A50SAF
5A TrenchSBR
TRENCH SUPER BARRIER RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF MAX (V)
IR MAX (µA)
50
5
0.53
150
Description and Applications
The SBRT5A50SAF is a 5A 50V single rectifier packaged in the low
profile SMAF package. Providing low VF and excellent high
temperature stability, this device is ideal for use in general
rectification applications such as:
Boost Diode
Blocking Diode
Recirculating Diode
Features and Benefits
Reduced ultra-low forward voltage drop (VF); Better efficiency
and cooler operation
Reduced high temperature reverse leakage; Increased reliability
against thermal runaway failure in high temperature operation
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SMAF
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.064 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SBRT5A50SAF-13
SMAF
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Green
TX5 = Product Type Marking Code
YWW = Date Code Marking
Y = Last Digit of Year (ex: 4 for 2014)
WW = Week Code 01 to 53
AB = Foundry and Assembly Code
SMAF
YWW
TX5
AB
Device symbol
SMAF


Similar Part No. - SBRT5A50SAF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT5A50SAF-13 DIODES-SBRT5A50SAF-13 Datasheet
402Kb / 4P
   5A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
July 2015
More results

Similar Description - SBRT5A50SAF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT5A50SAF DIODES-SBRT5A50SAF Datasheet
402Kb / 4P
   5A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
July 2015
SBRT5A50SA DIODES-SBRT5A50SA_15 Datasheet
251Kb / 4P
   5A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M60SA DIODES-SBRT3M60SA_15 Datasheet
507Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT4M30LP DIODES-SBRT4M30LP_15 Datasheet
375Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT4M30LP DIODES-SBRT4M30LP Datasheet
495Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT6U20LP DIODES-SBRT6U20LP_15 Datasheet
530Kb / 5P
   6A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT60U100CT DIODES-SBRT60U100CT_15 Datasheet
158Kb / 5P
   60A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT05U20S3Q DIODES-SBRT05U20S3Q Datasheet
185Kb / 5P
   0.5A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT60U50CT DIODES-SBRT60U50CT Datasheet
155Kb / 5P
   60A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
January 2015
SBRTF40U100CT DIODES-SBRTF40U100CT Datasheet
757Kb / 6P
   40A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
March 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com