Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72850A Datasheet(PDF) 46 Page - NEC

Part # UPD72850A
Description  IEEE1394 400Mbps PHY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72850A Datasheet(HTML) 46 Page - NEC

Back Button UPD72850A Datasheet HTML 40Page - NEC UPD72850A Datasheet HTML 41Page - NEC UPD72850A Datasheet HTML 42Page - NEC UPD72850A Datasheet HTML 43Page - NEC UPD72850A Datasheet HTML 44Page - NEC UPD72850A Datasheet HTML 45Page - NEC UPD72850A Datasheet HTML 46Page - NEC UPD72850A Datasheet HTML 47Page - NEC UPD72850A Datasheet HTML 48Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Data Sheet S14452EJ1V0DS00
46
µµµµPD72850A
9. RECOMMENDED SOLDERING CONDITIONS
The
µPD72850A should be soldered and mounted under the following recommended conditions.
For the details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales
representative.
Table 9-1. Surface Mounting Type Soldering Conditions
µµµµPD72850AGK-9EU : 80-pin plastic TQFP (Fine pitch) (12 x 12 mm)
Soldering
Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 sec. Max. (at 210°C or higher).
Count: three times or less
Exposure limit: 3 daysNote (after that prebake at 125°C for 10 hours)
IR35-103-3
Partial heating
Pin temperature: 300°C Max., Time: 3 sec. Max. (per pin row)
Note After opening the dry pach, store it at 25°C or less and 65% RH or less for the allowable storage period.


Similar Part No. - UPD72850A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72850A RENESAS-UPD72850A Datasheet
482Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
UPD72850AGK-9EU RENESAS-UPD72850AGK-9EU Datasheet
482Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD72850A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
   IEEE1394 3-Port 400Mbps Physical Layer
16 March 1998
logo
NEC
UPD72874 NEC-UPD72874 Datasheet
297Kb / 40P
   IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
logo
Qualtek Electronics Cor...
1821005-03 QUALTEK-1821005-03 Datasheet
415Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821017-10 QUALTEK-1821017-10 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821011-06 QUALTEK-1821011-06 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
1821023-15 QUALTEK-1821023-15 Datasheet
416Kb / 1P
   IEEE1394 4P/M - IEEE1394 4P/M
logo
NEC
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
   IEEE1394 OHCI HOST CONTROLLER
logo
Fujitsu Component Limit...
MB86616 FUJITSU-MB86616 Datasheet
605Kb / 63P
   IEEE1394-SCSI Tailgate
MB86613S FUJITSU-MB86613S Datasheet
758Kb / 134P
   IEEE1394 Open HCI Controller
logo
Yamaichi Electronics Co...
GBS006-0003-AS YAMAICHI-GBS006-0003-AS Datasheet
51Kb / 1P
   IEEE1394 (Fire Wire) - Plug and Receptacle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com