Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRT3M60SA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBRT3M60SA
Description  3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT3M60SA Datasheet(HTML) 1 Page - Diodes Incorporated

  SBRT3M60SA_15 Datasheet HTML 1Page - Diodes Incorporated SBRT3M60SA_15 Datasheet HTML 2Page - Diodes Incorporated SBRT3M60SA_15 Datasheet HTML 3Page - Diodes Incorporated SBRT3M60SA_15 Datasheet HTML 4Page - Diodes Incorporated SBRT3M60SA_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR is the registered trademark of Diodes Incorporated.
SBRT3M60SA
Document number: DS37696 Rev. 3 - 2
1 of 5
www.diodes.com
March 2015
© Diodes Incorporated
SBRT3M60SA
3A TrenchSBR
TRENCH SUPER BARRIER RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF(MAX) (V)
@ +25°C
IR(MAX) (mA)
@ +25°C
60
3
0.59
0.1
Description and Applications
The SBRT3M60SA is a 3A 60V single rectifier packaged in the low
profile SMA package. Providing low VF and excellent reverse leakage
stability at high temperatures, this device is ideal for use in general
rectification applications such as:
Boost Diode
Blocking Diode
Recirculating Diode
Features and Benefits
Reduced reverse leakage (IR) and low forward voltage drop (VF);
better efficiency and cooler operation.
Reduced high temperature reverse leakage; Increased reliability
against thermal runaway failure in high temperature operation.
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SMA
Case Material: M
olded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.064 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SBRT3M60SA-13
SMA
5,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Green
TV6 = Product Type Marking Code
YWW = Date Code Marking
Y = Last Digit of Year (ex: 5 for 2015)
WW = Week Code (01 to 53)
AB = Foundry and Assembly Code
Top View
Bottom View
SMA
YWW
TV6
AB


Similar Part No. - SBRT3M60SA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3M60SA-13 DIODES-SBRT3M60SA-13 Datasheet
640Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
More results

Similar Description - SBRT3M60SA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3M30LP DIODES-SBRT3M30LP Datasheet
227Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M60SA DIODES-SBRT3M60SA Datasheet
640Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT3U60SA DIODES-SBRT3U60SA_15 Datasheet
513Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M30LP DIODES-SBRT3M30LP_15 Datasheet
204Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M40SA DIODES-SBRT3M40SA_15 Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3U45SA DIODES-SBRT3U45SA_15 Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3U45SA DIODES-SBRT3U45SA Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2014
SBRT3U45SAF DIODES-SBRT3U45SAF Datasheet
345Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2014
SBRT3M40SA DIODES-SBRT3M40SA Datasheet
380Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT3U60SA DIODES-SBRT3U60SA Datasheet
640Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com