Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3564 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3564 Datasheet HTML 2Page - Linear Technology LTC3564 Datasheet HTML 3Page - Linear Technology LTC3564 Datasheet HTML 4Page - Linear Technology LTC3564 Datasheet HTML 5Page - Linear Technology LTC3564 Datasheet HTML 6Page - Linear Technology LTC3564 Datasheet HTML 7Page - Linear Technology LTC3564 Datasheet HTML 8Page - Linear Technology LTC3564 Datasheet HTML 9Page - Linear Technology LTC3564 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC3564
3564f
Load Step
Load Step
TYPICAL PERFOR A CE CHARACTERISTICS
ILOAD
1A/DIV
IL
1A/DIV
VOUT
100mV/DIV
AC COUPLED
20
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 1.25A
3564 G19
IL
1A/DIV
ILOAD
1A/DIV
VOUT
100mV/DIV
AC COUPLED
20
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0.25A TO 1.25A
3564 G20
Start-Up from Shutdown
Start-Up from Shutdown
Load Step
RUN
2V/DIV
IL
500mA/DIV
VOUT
1V/DIV
400
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA
3564 G16
VOUT
1V/DIV
IL
1A/DIV
RUN
2V/DIV
400
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 1.25A
3564 G17
ILOAD
1A/DIV
IL
1A/DIV
VOUT
100mV/DIV
AC COUPLED
20
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A TO 1.25A
3564 G18
Burst Mode Operation
SW
2V/DIV
IL
200mA/DIV
VOUT
50mV/DIV
AC COUPLED
2.5
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 40mA
3564 G15
TA = 25°C, VIN = 3.6V, unless otherwise specified.


Similar Part No. - LTC3564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564EDCB-PBF LINER-LTC3564EDCB-PBF Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564EDCB-TRPBF LINER-LTC3564EDCB-TRPBF Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564ES5-PBF LINER-LTC3564ES5-PBF Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564ES5-TRPBF LINER-LTC3564ES5-TRPBF Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
More results

Similar Description - LTC3564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com