Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3564 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 2 Page - Linear Technology

  LTC3564 Datasheet HTML 1Page - Linear Technology LTC3564 Datasheet HTML 2Page - Linear Technology LTC3564 Datasheet HTML 3Page - Linear Technology LTC3564 Datasheet HTML 4Page - Linear Technology LTC3564 Datasheet HTML 5Page - Linear Technology LTC3564 Datasheet HTML 6Page - Linear Technology LTC3564 Datasheet HTML 7Page - Linear Technology LTC3564 Datasheet HTML 8Page - Linear Technology LTC3564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC3564
3564f
Input Supply Voltage .................................. – 0.3V to 6V
RUN, VFB Voltages ..................................... – 0.3V to VIN
SW Voltage (DC) ......................... – 0.3V to (VIN + 0.3V)
(Note 1)
Operating Junction Temperature Range
(Notes 2, 3, 6) ...................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
±30
nA
VFB
Regulated Feedback Voltage
(Note 4)
0.5880
0.6
0.6120
V
ΔVFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 4)
0.04
0.4
%/V
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.5V, Duty Cycle < 35%
1.5
2.0
2.5
A
VLOADREG
Output Voltage Load Regulation
0.5
%
VIN
Input Voltage Range
2.5
5.5
V
The
denotes specifications which apply over the full operating junction temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 215°C/ W, θJC = 50°C/ W
VFB 1
GND 2
VIN 3
5 RUN
4 SW
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
TOP VIEW
RUN
SGND
VFB
SW
PGND
VIN
DCB PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 64°C/ W, θJC = 10.6°C/ W
EXPOSED PAD (PIN 7) IS SGND, MUST BE SOLDERED TO PCB
PI CO FIGURATIO
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3564ES5#PBF
LTC3564ES5#TRPBF
LTCYJ
5-Lead Plastic TSOT-23
–40
°C to 125°C
LTC3564IS5#PBF
LTC3564IS5#TRPBF
LTCYJ
5-Lead Plastic TSOT-23
–40
°C to 125°C
LTC3564EDCB#PBF
LTC3564EDCB#TRPBF
LDTQ
6-Lead (2mm
× 3mm) Plastic DFN
–40
°C to 125°C
LTC3564IDCB#PBF
LTC3564IDCB#TRPBF
LDTQ
6-Lead (2mm
× 3mm) Plastic DFN
–40
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER I FOR ATIO


Similar Part No. - LTC3564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564EDCB-PBF LINER-LTC3564EDCB-PBF Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564EDCB-TRPBF LINER-LTC3564EDCB-TRPBF Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564ES5-PBF LINER-LTC3564ES5-PBF Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564ES5-TRPBF LINER-LTC3564ES5-TRPBF Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
More results

Similar Description - LTC3564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com