Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3544B Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3544B
Description  Quad Synchronous Step-Down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544B Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3544B Datasheet HTML 2Page - Linear Technology LTC3544B Datasheet HTML 3Page - Linear Technology LTC3544B Datasheet HTML 4Page - Linear Technology LTC3544B Datasheet HTML 5Page - Linear Technology LTC3544B Datasheet HTML 6Page - Linear Technology LTC3544B Datasheet HTML 7Page - Linear Technology LTC3544B Datasheet HTML 8Page - Linear Technology LTC3544B Datasheet HTML 9Page - Linear Technology LTC3544B Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC3544B

3544bfb
Typical perForMance characTerisTics
PFET RDS(ON) vs Temperature
NFET RDS(ON) vs Temperature
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
–10
30
50
3544B G18
0.2
0.8
0.9
0.6
–30
10
70
90
VIN = 3.6V
300
200 (B)
200 (A)
100
TEMPERATURE (°C)
–50
0
0.2
0.3
0.4
0.5
0.6
0.7
0
50
3544B G19
0.8
0.9
1.0
VIN = 3.6V
0.1
100
300
200 (B)
200 (A)
100
PFET RDS(ON) vs Supply Voltage
NFET RDS(ON) vs Supply Voltage
VIN (V)
2
0
0.2
0.4
0.6
0.8
3
4
5
6
3544B G16
1.0
1.2
2.5
3.5
4.5
5.5
300
200 (B)
200 (A)
100
TA = 25°C
VIN (V)
2
0
0.1
0.3
0.4
0.5
1.0
0.7
3
4
3544B G17
0.2
0.8
0.9
0.6
5
6
300
200 (B)
200 (A)
100
TA = 25°C


Similar Part No. - LTC3544B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544BEUD LINER-LTC3544BEUD Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544BEUD-PBF LINER-LTC3544BEUD-PBF Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
More results

Similar Description - LTC3544B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544 LINER-LTC3544_15 Datasheet
298Kb / 16P
   Quad Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
   42V Quad Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LT8686S AD-LT8686S Datasheet
2Mb / 26P
   42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
logo
Linear Technology
LTC3562 LINER-LTC3562_15 Datasheet
257Kb / 20P
   I2C Quad Synchronous Step-Down DC/DC Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
   42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT7200S AD-LT7200S Datasheet
1Mb / 35P
   Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com