Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3544 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3544
Description  Quad Synchronous Step-Down Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3544_15 Datasheet HTML 6Page - Linear Technology LTC3544_15 Datasheet HTML 7Page - Linear Technology LTC3544_15 Datasheet HTML 8Page - Linear Technology LTC3544_15 Datasheet HTML 9Page - Linear Technology LTC3544_15 Datasheet HTML 10Page - Linear Technology LTC3544_15 Datasheet HTML 11Page - Linear Technology LTC3544_15 Datasheet HTML 12Page - Linear Technology LTC3544_15 Datasheet HTML 13Page - Linear Technology LTC3544_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3544
10
3544fa
The basic LTC3544 application circuit is shown on the first
page of this data sheet. External component selection is
driven by the load requirement and begins with the selec-
tion of L followed by CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 1μH to 10μH. Its value is chosen based on the
desired ripple current. Large inductor values lower ripple
current and small inductor values result in higher ripple
currents. Higher VIN or VOUT also increases the ripple
current as shown in Equation 1. A reasonable starting
point for setting ripple current for the 300mA regulator is
ΔIL = 120mA (40% of 300mA).
ΔI
L
V
V
V
L
OUT
OUT
IN
= ()( )
⎝⎜
⎠⎟
1
1
ƒ
(1)
The DC current rating of the inductor should be at least equal
to the maximum load current plus half the ripple current
to prevent core saturation. Thus, a 360mA rated inductor
should be enough for most applications (300mA + 60mA).
For better efficiency, choose a low DCR inductor.
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an induc-
tor. Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy, but
generally cost more than powdered iron core inductors
with similar electrical characteristics. The choice of which
style inductor to use often depends more on the price vs.
size requirements and any radiated field/EMI requirements
than on what the LTC3544 requires to operate. Table 1
shows typical surface mount inductors that work well in
LTC3544 applications.
APPLICATIONS INFORMATION
Table 1. Representative Surface Mount Inductors
Part Number
Value
(μH)
DCR
(Ω MAX)
MAX DC
CURRENT (A)
W × L × H (mm3)
Sumida
CDH2D09B
10
6.4
4.7
3.3
0.47
0.32
0.218
0.15
0.48
0.6
0.7
0.85
3.0 × 2.8 × 1.0
Wurth
TPC744029
10
6.8
4.7
3.3
0.50
0.38
0.210
0.155
0.50
0.65
0.80
0.95
2.8 × 2.8 × 1.35
TDK
VLF3010AT
10
6.8
4.7
3.3
0.67
0.39
0.28
0.17
0.49
0.61
0.70
0.87
2.8 × 2.6 × 1.0
CIN and COUT Selection
In continuous mode, a worst-case estimate for the input
current ripple can be determined by assuming that the
source current of the top MOSFET is a square wave of
duty cycle VOUT/VIN, and amplitude IOUT(MAX). To prevent
large voltage transients, a low ESR input capacitor sized for
the maximum RMS current must be used. The maximum
RMS capacitor current is given by:
II
VV
V
V
RMS
OUT MAX
OUT
IN
OUT
IN
()
()
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design. Note that the capacitor manufacturer’s
ripple current ratings are often based on 2000 hours of
life (non-ceramic capacitors). This makes it advisable to
further de-rate the capacitor, or choose a capacitor rated
at a higher temperature than required. Always consult the
manufacturer if there is any question.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment for COUT has been met, the RMS current rating
generally far exceeds the IRIPPLE(P-P) requirement. The
output ripple ΔVOUT is determined by:
ΔΔ
V
I
ESR
C
OUT
L
OUT
≅+
⎝⎜
⎠⎟
1
8• •
ƒ
where f = operating frequency, COUT = output capacitance
and ΔIL = ripple current in the inductor. For a fixed output


Similar Part No. - LTC3544_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
298Kb / 18P
   Quad Synchronous Step-Down Regulator
LTC3544BEUD LINER-LTC3544BEUD Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544BEUD-PBF LINER-LTC3544BEUD-PBF Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B_15 Datasheet
298Kb / 18P
   Quad Synchronous Step-Down Regulator
More results

Similar Description - LTC3544_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544B LINER-LTC3544B_15 Datasheet
298Kb / 18P
   Quad Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
   42V Quad Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LT8686S AD-LT8686S Datasheet
2Mb / 26P
   42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
logo
Linear Technology
LTC3562 LINER-LTC3562_15 Datasheet
257Kb / 20P
   I2C Quad Synchronous Step-Down DC/DC Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
   42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT7200S AD-LT7200S Datasheet
1Mb / 35P
   Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com