Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3542-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3542-1
Description  500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3542-1 Datasheet HTML 1Page - Linear Technology LTC3542-1 Datasheet HTML 2Page - Linear Technology LTC3542-1 Datasheet HTML 3Page - Linear Technology LTC3542-1 Datasheet HTML 4Page - Linear Technology LTC3542-1 Datasheet HTML 5Page - Linear Technology LTC3542-1 Datasheet HTML 6Page - Linear Technology LTC3542-1 Datasheet HTML 7Page - Linear Technology LTC3542-1 Datasheet HTML 8Page - Linear Technology LTC3542-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3542-1
5
35421f
Output Voltage vs Supply Voltage
Output Voltage vs Load Current
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
Switch Leakage vs Input Voltage
Efficiency vs Input Voltage
Switch Leakage vs Temperature
Efficiency vs Load Current
Efficiency vs Load Current
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise specified.
VIN (V)
1
0
0.1
0.3
0.4
0.5
5
0.9
35421 G12
0.2
3
26
47
0.6
0.7
0.8
SYNCHRONOUS
SWITCH
MAIN SWITCH
VIN (V)
0
0
200
400
600
1
2
34
35421 G14
5
800
1000
100
300
500
700
900
6
SYNCHRONOUS
SWITCH
MAIN SWITCH
TEMPERATURE (°C)
–50
200
250
300
25
75
35421 G15
150
100
–25
0
50
100
125
50
0
MAIN SWITCH
SYNCHRONOUS SWITCH
INPUT VOLTAGE (V)
2
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3
4
35421 G10
–0.6
0.6
0.8
0.2
5
6
IOUT = 100mA
FIGURE 3a CIRCUIT
LOAD CURRENT (mA)
1
0
1.0
2.0
10
100
1000
35421 G11
–1.0
–0.5
0.5
1.5
–1.5
–2.0
Burst Mode OPERATION
PULSE SKIP
VIN = 3.6V
VOUT = 2.8V
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
50
0.9
35421 G13
0.2
0
–25
75
100
25
125
0.6
0.7
0.8
VIN = 3.6V
VIN = 4.2V
SYNCHRONOUS
SWITCH
MAIN SWITCH
INPUT VOLTAGE (V)
3
100
90
80
70
60
50
40
30
4.5
5.5
35421 G16
3.5
4
56
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 500mA
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
35421 G17
0
1
VIN = 3.6V
VIN = 4.2V
FIGURE 3a CIRCUIT
LOAD CURRENT (mA)
60
70
80
90
100
0.1
10
100
1000
35421 G18
50
1
VIN = 3.6V
VOUT = 2.8V
Burst Mode
OPERATION
PULSE SKIP


Similar Part No. - LTC3542-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3542-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com