Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3530 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3530_15 Datasheet HTML 7Page - Linear Technology LTC3530_15 Datasheet HTML 8Page - Linear Technology LTC3530_15 Datasheet HTML 9Page - Linear Technology LTC3530_15 Datasheet HTML 10Page - Linear Technology LTC3530_15 Datasheet HTML 11Page - Linear Technology LTC3530_15 Datasheet HTML 12Page - Linear Technology LTC3530_15 Datasheet HTML 13Page - Linear Technology LTC3530_15 Datasheet HTML 14Page - Linear Technology LTC3530_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3530
11
3530fb
The output capacitance is usually many times larger than
the minimum value in order to handle the transient response
requirements of the converter. For a rule of thumb, the ratio
of the operating frequency to the unity-gain bandwidth of
the converter is the amount the output capacitance will
have to increase from the above calculations in order to
maintain the desired transient response.
The other component of ripple is due to the ESR (equiva-
lent series resistance) of the output capacitor. Low ESR
capacitors should be used to minimize output voltage
ripple. For surface mount applications, Taiyo Yuden or
TDK ceramic capacitors, AVX TPS series tantalum capaci-
tors or Sanyo POSCAP are recommended. See Table 2 for
contact information.
Input Capacitor Selection
Since VIN is the supply voltage for the IC, as well as the
input to the power stage of the converter, it is recommended
to place at least a 10μF, low ESR ceramic bypass capaci-
tor close to the VIN and GND pins. It is also important to
minimize any stray resistance from the converter to the
battery or other power source.
Optional Schottky Diodes
Schottky diodes across the synchronous switches B and
D are not required (VOUT < 4.3V), but provide a lower drop
during the break-before-make time (typically 15ns) improv-
ing efficiency. Use a surface mount Schottky diode such as
an MBRM120T3 or equivalent. Do not use ordinary rectifier
diodes, since the slow recovery times will compromise
efficiency. For applications with an output voltage above
4.3V, a Schottky diode is required from SW2 to VOUT.
Output Voltage < 1.8V
The LTC3530 can operate as a buck converter with output
voltages as low as 0.4V. Synchronous switch D is powered
from VOUT and the RDS(ON) will increase at low output volt-
ages, therefore a Schottky diode is required from SW2 to
VOUT to provide the conduction path to the output. Note
that Burst Mode operation is inhibited at output voltages
below 1V typical. Note also that if VOUT is less than 1V,
the current limit will be 670mA (typ).
Output Voltage > 4.3V
A Schottky diode from SW2 to VOUT is required for output
voltages over 4.3V. The diode must be located as close to
the pins as possible in order to reduce the peak voltage on
SW2 due to the parasitic lead and trace inductance.
Input Voltage > 4.5V
For applications with input voltages above 4.5V which
could exhibit an overload or short-circuit condition, a
2Ω/1nF series snubber is required between SW1 and
GND. A Schottky diode from SW1 to VIN should also be
added as close to the pins as possible. For the higher input
voltages, VIN bypassing becomes more critical; therefore,
a ceramic bypass capacitor as close to the VIN and GND
pins as possible is also required.
Operating Frequency Selection
Higher operating frequencies allow the use of a smaller
inductor and smaller input and output filter capacitors,
thus reducing board area and component height. How-
ever, higher operating frequencies also increase the IC’s
total quiescent current due to the gate charge of the four
switches, as given by:
Buck:
Iq = (0.6 • VIN • f) mA
Boost:
Iq = [0.8 • (VIN + VOUT) • f] mA
Buck/Boost: Iq = [f • (1.4 • VIN + 0.4 • VOUT)] mA
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEB SITE
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Murata
(814) 237-1431, (800) 831-9172
(814) 238-0409
www.murata.com
Sanyo
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
Taiyo Yuden
(408) 573-4150
(408) 573-4159
www.t-yuden.com
TDK
(847) 803-6100
(847) 803-6296
www.component.tdk.com
APPLICATIONS INFORMATION


Similar Part No. - LTC3530_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3530EDD LINER-LTC3530EDD Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EDD-PBF LINER-LTC3530EDD-PBF Datasheet
300Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EDD-TRPBF LINER-LTC3530EDD-TRPBF Datasheet
300Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS-PBF LINER-LTC3530EMS-PBF Datasheet
300Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3530_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530 Datasheet
300Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com