Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3526L Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3526L
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526L Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3526L_15 Datasheet HTML 4Page - Linear Technology LTC3526L_15 Datasheet HTML 5Page - Linear Technology LTC3526L_15 Datasheet HTML 6Page - Linear Technology LTC3526L_15 Datasheet HTML 7Page - Linear Technology LTC3526L_15 Datasheet HTML 8Page - Linear Technology LTC3526L_15 Datasheet HTML 9Page - Linear Technology LTC3526L_15 Datasheet HTML 10Page - Linear Technology LTC3526L_15 Datasheet HTML 11Page - Linear Technology LTC3526L_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3526L/LTC3526LB

3526lfc
exceeds the input by 0.24V, the IC powers itself from
VOUTinsteadofVIN.Atthispointtheinternalcircuitryhas
nodependencyontheVINinputvoltage,eliminatingthe
requirementforalargeinputcapacitor.Theinputvoltage
candropaslowas0.5V.Thelimitingfactorfortheap-
plicationbecomestheavailabilityofthepowersourceto
supplysufficientenergytotheoutputatlowvoltages,and
maximumdutycycle,whichisclampedat90%typical.
Notethatatlowinputvoltages,smallvoltagedropsdue
toseriesresistancebecomecritical,andgreatlylimitthe
powerdeliverycapabilityoftheconverter.
LOW NOISE FIXED FREQUENCY OPERATION
Soft-Start
The LTC3526L/LTC3526LB contain internal circuitry to
providesoft-startoperation.Thesoft-startcircuitryslowly
rampsthepeakinductorcurrentfromzerotoitspeakvalue
of750mA(typical)inapproximately0.5ms,allowingstart-
upintoheavyloads.Thesoft-startcircuitryisresetinthe
eventofashutdowncommandorathermalshutdown.
Oscillator
An internal oscillator sets the switching frequency to
1MHz.
Shutdown
Shutdown is accomplished by pulling the SHDN pin
below0.3VandenabledbypullingtheSHDNpinabove
0.8V.AlthoughSHDNcanbedrivenaboveVINorVOUT
(uptotheabsolutemaximumrating)withoutdamage,
theLTC3526L/LTC3526LBhaveaproprietarytestmode
thatmaybeengagedifSHDNisheldintherangeof0.5V
to1VhigherthanthegreaterofVINorVOUT.Ifthetest
modeisengaged,normalPWMswitchingactionisinter-
rupted,whichcancauseundesirableoperationinsome
applications.Therefore,inapplicationswhereSHDNmay
bedrivenaboveVIN,aresistordividerorothermeans
mustbeemployedtokeeptheSHDNvoltagebelow(VIN
+0.4V)topreventthepossibilityofthetestmodebeing
engaged.PleaserefertoFigure1fortwopossibleimple-
mentations.
Error Amplifier
Thepositiveinputofthetransconductanceerroramplifier
isinternallyconnectedtothe1.195Vreferenceandthe
negativeinputisconnectedtoFB.Clampslimitthemini-
mumandmaximumerrorampoutputvoltageforimproved
large-signaltransientresponse.Powerconvertercontrol
loop compensation is provided internally. An external
resistivevoltagedividerfromVOUTtogroundprograms
theoutputvoltageviaFBfrom1.5Vto5.25V.
V
V
R
R
OUT =
+


1 195
1
2
1
.
Current Sensing
Losslesscurrentsensingconvertsthepeakcurrentsignalof
theN-channelMOSFETswitchintoavoltagethatissummed
withtheinternalslopecompensation.Thesummedsignal
iscomparedtotheerroramplifieroutputtoprovideapeak
currentcontrolcommandforthePWM.
Current Limit
The current limit comparator shuts off the N-channel
MOSFETswitchonceitsthresholdisreached.Thecur-
rentlimitcomparatordelaytooutputistypically60ns.
Peakswitchcurrentislimitedtoapproximately750mA,
independentofinputoroutputvoltage,unlessVOUTfalls
below0.7V,inwhichcasethecurrentlimitiscutinhalf.
Zero Current Comparator
Thezerocurrentcomparatormonitorstheinductorcur-
renttotheoutputandshutsoffthesynchronousrectifier
(Refer to Block Diagram)
operAtion
ZETEX ZC2811E
3526l F01
LTC3526L/LTC3526LB
SHDN
VIN
VCNTRL
4M
±30%
LTC3526L/LTC3526LB
SHDN
4M
±30%
1M
R
VCNTRL
1M
R > (VCNTRL/(VIN + 0.4) – 1)M
Figure 1. Recommended Shutdown Circuits when Driving
SHDN above VIN


Similar Part No. - LTC3526L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526L-2 LINER-LTC3526L-2 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3526L-2 LINER-LTC3526L-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L-2 LINER-LTC3526L-2 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
More results

Similar Description - LTC3526L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3535 LINER-LTC3535 Datasheet
248Kb / 16P
   Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3535 LINER-LTC3535_15 Datasheet
1Mb / 16P
   Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528 LINER-LTC3528_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com