Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3526B-2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3526B-2
Description  500mA 2MHz Synchronous Step-Up DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526B-2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3526B-2_15 Datasheet HTML 7Page - Linear Technology LTC3526B-2_15 Datasheet HTML 8Page - Linear Technology LTC3526B-2_15 Datasheet HTML 9Page - Linear Technology LTC3526B-2_15 Datasheet HTML 10Page - Linear Technology LTC3526B-2_15 Datasheet HTML 11Page - Linear Technology LTC3526B-2_15 Datasheet HTML 12Page - Linear Technology LTC3526B-2_15 Datasheet HTML 13Page - Linear Technology LTC3526B-2_15 Datasheet HTML 14Page - Linear Technology LTC3526B-2_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3526-2/LTC3526B-2

35262b2fc
inductorcurrentwithoutsaturating.Moldedchokesand
somechipinductorsusuallydonothaveenoughcore
area to support the peak inductor currents of 700mA
seenontheLTC3526-2/LTC3526B-2.Tominimizeradiated
noise,useashieldedinductor.SeeTable1forsuggested
componentsandsuppliers.
Table 1. Recommended Inductors
VENDOR
PART/STYLE
Coilcraft
(847)639-6400
www.coilcraft.com
LPO4815
LPS4012,LPS4018
MSS5131
MSS4020
MOS6020
ME3220
DS1605,DO1608
Coiltronics
www.cooperet.com
SD10,SD12,SD14,SD18,SD20,
SD52,SD3114,SD3118
FDK
(408)432-8331
www.fdk.com
MIP3226D4R7M,MIP3226D3R3M
MIPF2520D4R7
MIPWT3226D3R0
Murata
(714)852-2001
www.murata.com
LQH43C
LQH32C(-53series)
301015
Sumida
(847)956-0666
www.sumida.com
CDRH5D18
CDRH2D14
CDRH3D16
CDRH3D11
CR43
CMD4D06-4R7MC
CMD4D06-3R3MC
Taiyo-Yuden
www.t-yuden.com
NP03SB
NR3015T
NR3012T
TDK
(847)803-6100
www.component.tdk.com
VLP
VLF,VLCF
Toko
(408)432-8282
www.tokoam.com
D412C
D518LC
D52LC
D62LCB
Wurth
(201)785-8800
www.we-online.com
WE-TPCtypeS,M
Output and Input Capacitor Selection
LowESR(equivalentseriesresistance)capacitorsshould
beusedtominimizetheoutputvoltageripple.Multilayer
ceramiccapacitorsareanexcellentchoiceastheyhave
extremelylowESRandareavailableinsmallfootprints.
A4.7µFto10µFoutputcapacitorissufficientformost
applications.Largervaluesupto22µFmaybeusedto
obtainextremelylowoutputvoltagerippleandimprove
transientresponse.X5RandX7Rdielectricmaterialsare
preferred for their ability to maintain capacitance over
widevoltageandtemperatureranges.Y5Vtypesshould
notbeused.
TheinternalloopcompensationoftheLTC3526-2isde-
signedtobestablewithoutputcapacitorvaluesof4.7µFor
greater(withouttheneedforanyexternalseriesresistor).
Althoughceramiccapacitorsarerecommended,lowESR
tantalumcapacitorsmaybeusedaswell.
Asmallceramiccapacitorinparallelwithalargertantalum
capacitormaybeusedindemandingapplicationsthathave
largeloadtransients.Anothermethodofimprovingthe
transientresponseistoaddasmallfeed-forwardcapacitor
acrossthetopresistorofthefeedbackdivider(fromVOUT
toFB).Atypicalvalueof22pFwillgenerallysuffice.
LowESRinputcapacitorsreduceinputswitchingnoise
andreducethepeakcurrentdrawnfromthebattery.It
followsthatceramiccapacitorsarealsoagoodchoice
forinputdecouplingandshouldbelocatedascloseas
possibletothedevice.A2.2µFinputcapacitorissufficient
for most applications, although larger values may be
usedwithoutlimitations.Table2showsalistofseveral
ceramiccapacitormanufacturers.Consultthemanufactur-
ersdirectlyfordetailedinformationontheirselectionof
ceramiccapacitors.
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
WEBSITE
AVX
(803)448-9411
www.avxcorp.com
Murata
(714)852-2001
www.murata.com
Taiyo-Yuden
(408)573-4150
www.t-yuden.com
TDK
(847)803-6100
www.component.tdk.com
Samsung
(408)544-5200
www.sem.samsung.com
ApplicAtions inForMAtion


Similar Part No. - LTC3526B-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526B-2 LINER-LTC3526B-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526B-2 LINER-LTC3526B-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526B-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
logo
Linear Technology
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com