Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3526B Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526B Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3526B Datasheet HTML 6Page - Linear Technology LTC3526B Datasheet HTML 7Page - Linear Technology LTC3526B Datasheet HTML 8Page - Linear Technology LTC3526B Datasheet HTML 9Page - Linear Technology LTC3526B Datasheet HTML 10Page - Linear Technology LTC3526B Datasheet HTML 11Page - Linear Technology LTC3526B Datasheet HTML 12Page - Linear Technology LTC3526B Datasheet HTML 13Page - Linear Technology LTC3526B Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3526/LTC3526B
0
3526bfd
VIN > VOUT OPERATION
The LTC3526/LTC3526B will maintain voltage regulation
even when the input voltage is above the desired output
voltage.Notethattheefficiencyismuchlowerinthismode,
and the maximum output current capability will be less.
Refer to the Typical Performance Characteristics.
SHORT-CIRCUIT PROTECTION
The LTC3526/LTC3526B output disconnect feature allows
output short circuit while maintaining a maximum inter-
nally set current limit. To reduce power dissipation under
short-circuit conditions, the peak switch current limit is
reduced to 400mA (typical).
SCHOTTKY DIODE
Although it is not required, adding a Schottky diode from
SW to VOUT will improve efficiency by about 2%. Note
that this defeats the output disconnect and short-circuit
protection features.
PCB LAYOUT GUIDELINES
The high speed operation of the LTC3526/LTC3526B
demands careful attention to board layout. A careless
layout will result in reduced performance. Figure 2 shows
the recommended component placement. A large ground
pin copper area will help to lower the die temperature. A
multilayer board with a separate ground plane is ideal, but
not absolutely necessary.
COMPONENT SELECTION
Inductor Selection
The LTC3526/LTC3526B can utilize small surface mount
chip inductors due to their fast 1MHz switching frequency.
Inductor values between 3.3µH and 6.8µH are suitable for
most applications. Larger values of inductance will allow
slightly greater output current capability (and lower the
Burst Mode threshold) by reducing the inductor ripple cur-
rent. Increasing the inductance above 10µH will increase
size while providing little improvement in output current
capability.
The minimum inductance value is given by:
L
V
V
V
Ripple V
IN MIN
OUT MAX
IN MIN
OUT
>
(
)
(
)
(
)
(
)
(
M
MAX)
where:
Ripple = Allowable inductor current ripple (amps peak-
peak)
VIN(MIN) = Minimum input voltage
VOUT(MAX) = Maximum output voltage
The inductor current ripple is typically set for 20% to
40% of the maximum inductor current. High frequency
ferrite core inductor materials reduce frequency depen-
dent power losses compared to cheaper powdered iron
types, improving efficiency. The inductor should have
low ESR (series resistance of the windings) to reduce the
I2R power losses, and must be able to support the peak
Figure 2. Recommended Component Placement for Single Layer Board
+
SW
LTC3526
1
GND
MINIMIZE
TRACE ON FB
AND SW
2
VIN
MULTIPLE VIAS
TO GROUND PLANE
VIN
VOUT
FB
SHDN
3526 F02
3
6
5
4
applicaTions inFormaTion


Similar Part No. - LTC3526B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526B LINER-LTC3526B Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526B LINER-LTC3526B Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Linear Integrated Syste...
LTC3526B LINEAR-LTC3526B Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3526B-2 LINER-LTC3526B-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526B-2 LINER-LTC3526B-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528 LINER-LTC3528_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com