Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3453 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3453
Description  Synchronous Buck-Boost High Power White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3453 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3453_15 Datasheet HTML 4Page - Linear Technology LTC3453_15 Datasheet HTML 5Page - Linear Technology LTC3453_15 Datasheet HTML 6Page - Linear Technology LTC3453_15 Datasheet HTML 7Page - Linear Technology LTC3453_15 Datasheet HTML 8Page - Linear Technology LTC3453_15 Datasheet HTML 9Page - Linear Technology LTC3453_15 Datasheet HTML 10Page - Linear Technology LTC3453_15 Datasheet HTML 11Page - Linear Technology LTC3453_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC3453
11
3453fa
APPLICATIO S I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Unused Outputs
If fewer than 4 LED pins are to be used, unused LEDx pins
should be connected to VOUT. The LTC3453 senses which
current source outputs are not being used and shuts off
the corresponding output currents to save power. A small
trickle current (~30
µA) is still applied to unused outputs to
detect if a white LED is later switched in and also to
distinguish unused outputs from used outputs during
startup.
LED Failure Modes
If an individual LED fails as a short circuit, the current
source biasing it is shut off to save power. This is the same
operation as described previously (if the output were
initially designated unused at power-up by connecting its
LEDx pin to VOUT). Efficiency is not materially affected.
If an individual LED fails as an open circuit, the control loop
will initially attempt to regulate off of its current source
feedback signal, since it will appear to be the one requiring
the largest forward voltage drop to run at its programmed
current. This will drive VOUT higher. As the open circuited
LED will never accept its programmed current, VOUT must
be voltage-limited by means of a secondary control loop.
The LTC3453 limits VOUT to 4.5V in this failure mode. The
other LEDs will still remain biased at the correct pro-
grammed current but the overall circuit efficiency will
decrease.
PACKAGE DESCRIPTIO
UF Package
16-Lead Plastic QFN (4mm
× 4mm)
(Reference LTC DWG # 05-08-1692)
4.00
± 0.10
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WGGC)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.55
± 0.20
16
15
1
2
BOTTOM VIEW—EXPOSED PAD
2.15
± 0.10
(4-SIDES)
0.75
± 0.05
R = 0.115
TYP
0.30
± 0.05
0.65 BSC
0.200 REF
0.00 – 0.05
(UF16) QFN 1004
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.72
±0.05
0.30
±0.05
0.65 BSC
2.15
± 0.05
(4 SIDES)
2.90
± 0.05
4.35
± 0.05
PACKAGE OUTLINE
PIN 1 NOTCH R = 0.20 TYP
OR 0.35
× 45° CHAMFER


Similar Part No. - LTC3453_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3453EUF LINER-LTC3453EUF Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
More results

Similar Description - LTC3453_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
LTC3454 LINER-LTC3454_15 Datasheet
182Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
logo
Texas Instruments
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com