Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3422 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3422
Description  1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3422 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3422 Datasheet HTML 6Page - Linear Technology LTC3422 Datasheet HTML 7Page - Linear Technology LTC3422 Datasheet HTML 8Page - Linear Technology LTC3422 Datasheet HTML 9Page - Linear Technology LTC3422 Datasheet HTML 10Page - Linear Technology LTC3422 Datasheet HTML 11Page - Linear Technology LTC3422 Datasheet HTML 12Page - Linear Technology LTC3422 Datasheet HTML 13Page - Linear Technology LTC3422 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3422
10
3422fa
OPERATIO
BURST must be able to sink up to 4mA. Burst Mode
operation is inhibited during soft-start.
If VIN is greater than VOUT – 300mV, the part will exit Burst
Mode operation and the synchronous rectifier will be
disabled.
Note that if the load current applied during
forced Burst
Mode operation (BURST is grounded) exceeds the current
that can be supplied, the output voltage will start to droop
and the LTC3422 will automatically come out of Burst
Mode operation and enter fixed frequency mode, raising
VOUT. Once regulation is achieved, the LTC3422 will then
enter Burst Mode operation once again (since the user is
still
commanding this by grounding BURST ) and the cycle
will repeat, resulting in about 4% output ripple. The
maximum average current that can be supplied in Burst
Mode operation is given by:
I
V
V
nmA
OUT MAX
IN
OUT
()
=
275
i
Output Disconnect and Inrush Current Limiting
The LTC3422 is designed to allow true output disconnect
by eliminating body diode conduction of the internal
P-channel MOSFET rectifier. This allows VOUT to go to zero
volts during shutdown without drawing any current from
2mA
880mV TO
1.16V
SSDONE
0 = PWM MODE
1 = Burst Mode
OPERATION
BURST
COMP
ERROR AMP/
SLEEP COMP
UVLO
COMP
VCC
BURST
SLEEP
CC1
CB
RZ
RB
VC
IOUT
10,000
VREF – 4%
VREF ±1%
+
+
COMP CLAMP
500mV TO 1V
7
BURST
3422 AI01
3
FB
6
Simplified Diagram of Automatic Burst Mode Control Circuit


Similar Part No. - LTC3422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3422 LINER-LTC3422 Datasheet
259Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3422EDD LINER-LTC3422EDD Datasheet
259Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3422 LINER-LTC3422 Datasheet
259Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
   15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
   15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458_15 Datasheet
318Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com