Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4283 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE4283
Description  RF Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4283 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE4283_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4283_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4283_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4283_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4283_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4283_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4283_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4283_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4283_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
PE4283
Page 3 of 11
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0177-04
│ www.psemi.com
Control Voltages
Signal Path
Pin 6 (V2) = VDD
Pin 4 (V1) = High
RFC to RF1
Pin 6 (V2) = VDD
Pin 4 (V1) = Low
RFC to RF2
Table 5. Single-pin Control Logic Truth Table
Table 6. Complementary-pin Control Logic
Truth Table
Control Voltages
Signal Path
Pin 6 (V2 ) = Low
Pin 4 (V1) = High
RFC to RF1
Pin 6 (V2) = High
Pin 4 (V1) = Low
RFC to RF2
Control Logic Input
The PE4283 is a versatile RF CMOS switch that
supports two operating control modes; single-pin
control mode and complementary-pin control
mode.
Single-pin control mode enables the switch to
operate with a single control pin (pin 4) supporting
a +3-volt CMOS logic input, and requires a
dedicated +3-volt power supply connection (pin 6).
This mode of operation reduces the number of
control lines required and simplifies the switch
control interface typically derived from a CMOS
µProcessor I/O port.
Complementary-pin control mode allows the
switch to operate using complementary control
pins V1 and V2 (pins 4 & 6), that can be directly
driven by +3-volt CMOS logic or a suitable
µProcessor I/O port. This enables the PE4283 to
operate in positive control voltage mode within the
PE4283 operating limits.


Similar Part No. - PE4283_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
   SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
logo
Pasternack Enterprises,...
PE4283 PASTERNACK-PE4283 Datasheet
212Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, .285 inch D Hole
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS
More results

Similar Description - PE4283_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430_15 Datasheet
413Kb / 11P
   RF Switch
PE4244 PEREGRINE-PE4244_15 Datasheet
284Kb / 6P
   RF Switch
PE42551 PEREGRINE-PE42551_15 Datasheet
819Kb / 9P
   RF Switch
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
   RF Switch
logo
Lucky Light Electronic
PE4239 LUCKY-LIGHT-PE4239_15 Datasheet
287Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237_15 Datasheet
276Kb / 8P
   RF Switch
PE4272 PEREGRINE-PE4272_15 Datasheet
223Kb / 10P
   RF Switch
logo
Spectrum Microwave, Inc...
TWP2225 SPECTRUM-TWP2225 Datasheet
54Kb / 1P
   RF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com