Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC3409A Datasheet(PDF) 16 Page - Linear Technology

Part No. LTC3409A
Description  600mA Low VIN Buck Regulator in 3mm 3mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC3409A Datasheet(HTML) 16 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3409A
16
3409af
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0509 • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC3409
600mA (IOUT) Low VIN Step-Down DC/DC Converter
95% Efficiency, VIN: 1.6V to 5.5V, VOUT(MIN) = 0.61V, IQ = 65μA,
ISD < 1μA, 8-Lead DFN Package
LTC3549
250mA Low VIN Step-Down DC/DC Converter
93% Efficiency, VIN: 1.6V to 5.5V, VOUT(MIN) = 0.61V, IQ = 50μA,
ISD < 1μA, 6-Lead DFN Package
LTC3417A-2
Dual 1.5A/1A 4MHz Step-Down DC/DC Regulator
95% Efficiency, Low Ripple, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V,
DFN and TSSOP Packages
LTC3410
300mA, 2.25MHz, Synchronous Step-Down Regulator in SC-70
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 26μA
LTC1878
600mA (IOUT), 550kHz, Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 10μA,
ISD <1μA, MS8 Package
LTC1879
1.20A (IOUT), 550kHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.7V to 10V, VOUT(MIN) = 0.8V, IQ = 15μA,
ISD <1μA, 16-Lead TSSOP
LT3020
100mA, Low Voltage VLDO™
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, Dropout Voltage = 0.15V,
IQ = 120μA, ISD <3μA, VOUT = ADJ, DFN/MS8 Packages
LTC3025
100mA, Low Voltage VLDO
VIN: 0.9V to 5.5V, VOUT(MIN) = 0.40V, Dropout Voltage = 0.05V,
IQ = 54μA, ISD <1μA, VOUT = ADJ, DFN Package
LTC3404
600mA (IOUT), 1.4MHz, Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 10μA,
ISD <1μA, MS8 Package
LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 20μA,
ISD <1μA, ThinSOT™ Package
LTC3406A/
LTC3406AB
600mA (IOUT), 1.5MHz, Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20μA,
ISD <1μA, ThinSOT Package
LTC3407A/
LTC3407A-2
Dual, 600mA/800mA (IOUT), 1.5MHz/2.25MHz,
Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA,
ISD <1μA, 10-Lead MSE Package
LTC3411A
1.25A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD <1μA, 10-Lead MS Package
VLDO and ThinSOT are trademarks of Linear Technology Corporation.
RELATED PARTS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn