Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC3409A Datasheet(PDF) 7 Page - Linear Technology

Part No. LTC3409A
Description  600mA Low VIN Buck Regulator in 3mm 3mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC3409A Datasheet(HTML) 7 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3409A
7
3409af
VFB (Pin 1): Feedback Pin. Receives the feedback voltage
from an external resistive divider across the output.
GND (Pin 2): Ground Pin.
VIN (Pins 3, 4): Main Supply Pins. Must be closely de-
coupled to GND, Pin 2 and Pin 9, with a 4.7μF or greater
ceramic capacitor.
MODE (Pin 5): Mode Select Input. To select pulse-skipping
mode, force this pin above 1.1V. Forcing this pin below
0.3V selects Burst Mode operation. Do not leave MODE
floating.
SW (Pin 6): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchronous
power MOSFET switches.
RUN (Pin 7): Run Control Input. Forcing this pin above 1.1V
enables the part. Forcing this pin below 0.3V shuts down
the device. In shutdown, all functions are disabled drawing
<1μA supply current. Do not leave RUN floating.
SYNC (Pin 8): External CLK Input/Fixed Switching Fre-
quency Selection. Forcing this pin above 1.1V for greater
than 30μs selects 2.6MHz switching frequency. Forcing
this pin below 0.3V for greater than 30μs selects 1.7MHz
switching frequency.
External clock input, 1MHz to 3MHz frequency range.
When the SYNC pin is clocked in this frequency range
the SYNC threshold is nominally 0.63V. To allow for good
noise immunity, SYNC signal should swing at least 0.3V
below and above this nominal value (0.33V to 0.93V). Do
not leave SYNC floating.
Exposed Pad (Pin 9): The Exposed Pad is ground. It must
be soldered to PCB ground to provide both electrical contact
and optimum thermal performance.
PIN FUNCTIONS
+
+
EA
+
OVDET
IRCMP
+
ICOMP
1
7
RUN
PLL
SLOPE
COMP
OSC
0.612V
REFERENCE
SHUTDOWN
OV
0.675
0.4V
0.65V
SLEEP
EN
VIN
VFB
5
MODE
8
SYNC
BURST
VIN
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
SOFT-
START
Q
Q
3, 4
SW
6
GND
3409A FD
2, 9
FUNCTIONAL DIAGRAM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn