Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3406 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3406
Description  1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3406_15 Datasheet HTML 8Page - Linear Technology LTC3406_15 Datasheet HTML 9Page - Linear Technology LTC3406_15 Datasheet HTML 10Page - Linear Technology LTC3406_15 Datasheet HTML 11Page - Linear Technology LTC3406_15 Datasheet HTML 12Page - Linear Technology LTC3406_15 Datasheet HTML 13Page - Linear Technology LTC3406_15 Datasheet HTML 14Page - Linear Technology LTC3406_15 Datasheet HTML 15Page - Linear Technology LTC3406_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC3406
LTC3406-1.5/LTC3406-1.8
3406fa
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1474/LTC1475
250mA (IOUT) Low Quiescent Current Step-Down
VIN: 3V to 18V, Constant Off-Time, IQ = 10µA, MS8 Package
DC/DC Converters
LT1616
1.4MHz, 600mA Step-Down DC/DC Converter
VIN: 3.6V to 25V, IQ = 1.9mA, ThinSOT Package
LTC1701
1MHz, 500mA (IOUT) Step-Down DC/DC Converter
VIN: 2.5V to 5.5V, Constant Off-Time, IQ = 135µA, ThinSOT Package
LTC1767
1.5A, 1.25MHz Step-Down Switching Regulator
VIN: 3V to 25V, IQ = 1mA, MS8/E Packages
LTC1779
550kHz, 250mA (IOUT) Step-Down Switching Regulator
VIN: 2.5V to 9.8V, IQ = 135µA, ThinSOT Package
LTC1875
550kHz, 1.2A (IOUT) Synchronous Step-Down Regulator
VIN: 2.7V to 6V, IQ = 15µA, TSSOP-16 Package
LTC1877
550kHz, 600mA (IOUT) Synchronous Step-Down Regulator
VIN: 2.65V to 10V, IQ = 10µA, MS8 Package
LTC1878
550kHz, 600mA (IOUT) Synchronous Step-Down Regulator
VIN: 2.65V to 6V, IQ = 10µA, MS8 Package
LTC1879
550kHz, 1.2A (IOUT) Synchronous Step-Down Regulator
VIN: 2.7V to 10V, IQ = 15µA, TSSOP-16 Package
LTC3404
1.4MHz, 600mA (IOUT) Synchronous Monolithic
Up to 95% Efficiency, VIN: 2.65V to 6V, IQ = 10µA, MS8 Package
Step-Down Regulator
LTC3405/LTC3405A
1.5MHz, 300mA (IOUT) Synchronous Monolithic
Up to 95% Efficiency, VIN: 2.5V to 5.5V, IQ = 20µA,
LTC3405A-1.5
Step-Down Regulators
Fixed Output Voltages Available, ThinSOT Package
LTC3405A-1.8
LTC3406B
1.5MHz, 600mA (IOUT) Synchronous Monolithic
Up to 95% Efficiency, with Pulse Skipping Mode
LTC3406B-1.5
Step-Down Regulators
Fixed Output Voltages Available, ThinSOT Package
LTC3406B-1.8
LTC3411
4MHz, 1.25A (IOUT) Synchronous Monolithic
Up to 95% Efficiency, VIN: 2.5V to 5.5V, IQ = 60µA, MS Package
Step-Down Regulator
LTC3412
4MHz, 2.5A (IOUT) Synchronous Monolithic
Up to 95% Efficiency, VIN: 2.5V to 5.5V, IQ = 60µA, TSSOP Package
Step-Down Regulator
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LT/TP 0604 1K REV A • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2002
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
3406 TA02
60
1
85
75
65
VOUT = 1.8V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
VIN
CIN**
4.7µF
CER
VIN
2.7V
TO 4.2V
LTC3406-1.8
RUN
3
4.7µH*
3406 TA01
5
4
1
2
SW
VOUT
GND
COUT1
100µF
VOUT
1.8V
*
**
MURATA LQH32CN4R7M34
TAIYO YUDEN CERAMIC JMK212BJ475MG
SANYO POSCAP 4TPB100M
+
Single Li-Ion 1.8V/600mA Regulator for Low Output Ripple and Small Footprint
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 600mA
3406 TA03
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 200mA TO 600mA
3406 TA04
TYPICAL APPLICATIO


Similar Part No. - LTC3406_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
238Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2_15 Datasheet
238Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3406_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2_15 Datasheet
238Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A_15 Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2_15 Datasheet
274Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com