Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3210-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3210-2
Description  MAIN/CAM LED Controllers with 32-Step Brightness Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3210-2_15 Datasheet HTML 6Page - Linear Technology LTC3210-2_15 Datasheet HTML 7Page - Linear Technology LTC3210-2_15 Datasheet HTML 8Page - Linear Technology LTC3210-2_15 Datasheet HTML 9Page - Linear Technology LTC3210-2_15 Datasheet HTML 10Page - Linear Technology LTC3210-2_15 Datasheet HTML 11Page - Linear Technology LTC3210-2_15 Datasheet HTML 12Page - Linear Technology LTC3210-2_15 Datasheet HTML 13Page - Linear Technology LTC3210-2_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3210-2/LTC3210-3
0
321023fb
operaTion
Figure 2. Charge Pump Thevenin Equivalent Open-Loop Circuit
TEMPERATURE (°C)
–40
3.4
3.6
3.8
60
3.2
3.0
–15
10
35
85
321023 F03
2.8
2.6
2.4
VBAT = 3V
VCPO = 4.2V
C2 = C3 = C4 = 2.2µF
Figure 3. Typical 1.5x ROL vs Temperature
+–
ROL
CPO
1.5VBAT OR 2VBAT
+
321023 F02
Soft-Start
Initially,whenthepartisinshutdown,aweakswitchcon-
nectsVBATtoCPO.ThisallowsVBATtoslowlychargethe
CPOoutputcapacitortopreventlargechargingcurrents.
TheLTC3210-2/LTC3210-3alsoemployasoft-startfeature
onitschargepumptopreventexcessiveinrushcurrent
andsupplydroopwhenswitchingintothestep-upmodes.
ThecurrentavailabletotheCPOpinisincreasedlinearly
overatypicalperiodof150µs.Soft-startoccursatthe
startofboth1.5xand2xmodechanges.
Charge Pump Strength and Regulation
RegulationisachievedbysensingthevoltageattheCPO
pin and modulating the charge pump strength based
ontheerrorsignal.TheCPOregulationvoltagesareset
internally,andaredependentonthechargepumpmodes
asshowninTable1.
Table 1. Charge Pump Output Regulation Voltages
CHARGE PUMP MODE
REGULATED VCPO
1.5x
4.55V
2x
5.05V
WhentheLTC3210-2/LTC3210-3operateineither1.5x
modeor2xmode,thechargepumpcanbemodeledas
aThevenin-equivalentcircuittodeterminetheamountof
currentavailablefromtheeffectiveinputvoltageandef-
fectiveopen-loopoutputresistance,ROL(Figure2).
ROLisdependentonanumberoffactorsincludingthe
switching term, 1/(2fOSC•CFLY),internalswitchresis-
tancesandthenonoverlapperiodoftheswitchingcircuit.
However,foragivenROL,theamountofcurrentavailable
willbedirectlyproportionaltotheadvantagevoltageof
1.5VBAT–CPOfor1.5xmodeand2VBAT–CPOfor2x
mode.ConsidertheexampleofdrivingwhiteLEDsfrom
a3.1Vsupply.IftheLEDforwardvoltageis3.8Vandthe
currentsourcesrequire100mV,theadvantagevoltagefor
1.5xmodeis3.1V•1.5–3.8V–0.1Vor750mV.Notice
thatiftheinputvoltageisraisedto3.2V,theadvantage
voltagejumpsto900mV—a20%improvementinavail-
ablestrength.
From Figure 2, for 1.5x mode the available current is
givenby:
I
V
V
R
OUT
BAT
CPO
OL
=
( .
)
1 5
For2xmode,theavailablecurrentisgivenby:
I
V
V
R
OUT
BAT
CPO
OL
=
(
)
2
Noticethattheadvantagevoltageinthiscaseis3.1V•2
–3.8V–0.1V=2.3V.ROLishigherin2xmodebutasig-
nificantoverallincreaseinavailablecurrentisachieved.
TypicalvaluesofROLasafunctionoftemperatureare
showninFigure3andFigure4.
Shutdown Current
Inshutdownmodeallthecircuitryisturnedoffandthe
LTC3210-2/LTC3210-3drawaverylowcurrentfromtheVBAT
supply.Furthermore,CPOisweaklyconnectedtoVBAT.The
LTC3210-2/LTC3210-3entershutdownmodewhenboththe
ENMandENCpinsarebroughtlowat150µs(typ).ENM


Similar Part No. - LTC3210-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
More results

Similar Description - LTC3210-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-3 LINER-LTC3210-3_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091_13 Datasheet
3Mb / 17P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
HT7L4091 HOLTEK-HT7L4091 Datasheet
1Mb / 26P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com