Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUR160 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LUR160
Description  Glass Passivated Junction Ultra Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LUR160 Datasheet(HTML) 1 Page - Leshan Radio Company

  LUR160_15 Datasheet HTML 1Page - Leshan Radio Company LUR160_15 Datasheet HTML 2Page - Leshan Radio Company LUR160_15 Datasheet HTML 3Page - Leshan Radio Company LUR160_15 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Glass passivated chip
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
We declare that the material of product compliance
Mounting Position
: Any
with ROHS requirements
Weight
: 0.011oz., 0.284 g
Handling precautin
:None
1.Electrical Characteristic
Maximum& Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
0.5
Parameter Symbol
symbol
LUR
105
LUR
110
LUR
115
LUR
120
LUR
140
LUR
150
LUR
160
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
400
500
600V
Maximum RSM voltage
VRSM
35
70
105
140
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
400
500
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 75°C
IR(AV)
µ
A
Typical thermal resistance (Note 2)
RθJA
°
C/W
Operating junction and storage temperature range
TJ, TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
LUR
105
LUR
110
LUR
115
LUR
120
LUR
140
LUR
150
LUR
160
Unit
Maximum Instantaneous Forward Voltage
(IF = 1.0 Amps, TJ = 25°C)
VF
1.5
V
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
IR
µ
A
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
0.93
50 to +150
45
150
5.0
50
LUR105 thru LUR160
Glass Passivated Junction Ultra Fast Rectifiers
Reverse Voltage 50 to 600V Forward Current 1.0A
60
1.25
1.0
30
100
35


Similar Part No. - LUR160_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results

Similar Description - LUR160_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR1100 LRC-LUR1100_15 Datasheet
358Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
UG2D LRC-UG2D_15 Datasheet
177Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
LUR460 LRC-LUR460_15 Datasheet
186Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
SF68G LRC-SF68G_15 Datasheet
245Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
SF64G LRC-SF64G_15 Datasheet
88Kb / 3P
   Glass Passivated Junction Ultra Fast Rectifiers
LUMA160 LRC-LUMA160_15 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers
UG4D LRC-UG4D_15 Datasheet
190Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
LUR660 LRC-LUR660 Datasheet
205Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
LUMBF260 LRC-LUMBF260_15 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers
SF58G LRC-SF58G_15 Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com