Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR305 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR305
Description  Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR305 Datasheet(HTML) 1 Page - Leshan Radio Company

  FR305_15 Datasheet HTML 1Page - Leshan Radio Company FR305_15 Datasheet HTML 2Page - Leshan Radio Company FR305_15 Datasheet HTML 3Page - Leshan Radio Company FR305_15 Datasheet HTML 4Page - Leshan Radio Company FR305_15 Datasheet HTML 5Page - Leshan Radio Company FR305_15 Datasheet HTML 6Page - Leshan Radio Company FR305_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 3.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-201AD, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.04 oz., 1.13 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
301
FR
302
FR
303
FR
304
FR
305
FR
305P
FR
306
FR
307
FR
307P
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
600
800
1000 1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
420
560
700
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
600
800
1000 1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
301
FR
302
FR
303
FR
304
FR
305
FR
305P
FR
306
FR
307
FR
307P
Unit
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
150
250
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
FR301 thru FR307
150
3.0
150
100
55
–50 to +150
1.3
5.0
200
500
15
Reverse Voltage 50 to 1000V
Forward Current 3.0A
Fast Switching Rectifiers
We declare that the material of product
compliance with RoHS requirements.
LESHAN RADIO COMPANY, LTD.
1/3


Similar Part No. - FR305_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
FR305-T3 WTE-FR305-T3 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
FR305-T3 WTE-FR305-T3 Datasheet
55Kb / 4P
   3.0A FAST RECOVERY DIODE
FR305-TB WTE-FR305-TB Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
FR305-TB WTE-FR305-TB Datasheet
55Kb / 4P
   3.0A FAST RECOVERY DIODE
More results

Similar Description - FR305_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com