Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2938 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2938
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938 Datasheet(HTML) 1 Page - Linear Technology

  LTC2938 Datasheet HTML 1Page - Linear Technology LTC2938 Datasheet HTML 2Page - Linear Technology LTC2938 Datasheet HTML 3Page - Linear Technology LTC2938 Datasheet HTML 4Page - Linear Technology LTC2938 Datasheet HTML 5Page - Linear Technology LTC2938 Datasheet HTML 6Page - Linear Technology LTC2938 Datasheet HTML 7Page - Linear Technology LTC2938 Datasheet HTML 8Page - Linear Technology LTC2938 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2938/LTC2939
1
293839ff
V1 (V)
V2 (V)
V3 (V)
V4 (V)
V5 (V)
V6 (V)
5
3.3
2.5
1.8
ADJ
ADJ
5
3.3
2.5
ADJ
ADJ
ADJ
5
3.3
1.8
ADJ
ADJ
ADJ
5
3.3
ADJ
ADJ
ADJ
ADJ
5
3.3
ADJ
ADJ
ADJ
ADJ
3.3
2.5
1.8
1.5
ADJ
ADJ
3.3
2.5
1.8
ADJ
ADJ
ADJ
3.3
1.8
1.5
1.2
ADJ
ADJ
3.3
1.8
1.5
ADJ
ADJ
ADJ
3.3
1.8
1.2
ADJ
ADJ
ADJ
3.3
2.5
ADJ
ADJ
ADJ
ADJ
3.3
2.5
ADJ
–ADJ
ADJ
ADJ
3.3
1.8
ADJ
ADJ
ADJ
ADJ
3.3
1.8
ADJ
–ADJ
ADJ
ADJ
3.3
1.5
ADJ
ADJ
ADJ
ADJ
3.3
1.2
ADJ
ADJ
ADJ
ADJ
TYPICAL APPLICATION
DESCRIPTION
Configurable 4- and 6-Supply
Monitors with Watchdog Timer
The LTC®2938/LTC2939 are configurable supply monitors
for systems with up to four or six supply voltages that need
watchdog supervision. One of sixteen preset or adjustable
voltage monitor combinations can be selected using an
external resistive divider connected to the program input.
The preset voltage thresholds are accurate to ±1.5% over
temperature. The LTC2938 and LTC2939 also feature ad-
justable inputs with a 0.5V nominal threshold.
The reset and watchdog timeout periods are adjustable
using external capacitors. Tight voltage threshold accuracy
and glitch immunity ensure reliable reset operation without
false triggering. The RST output is guaranteed to be in the
correct state for VCC down to 1V. Each status output has
a weak internal pull-up and may be externally pulled up
to a user-defined voltage.
The 80μA supply current makes the LTC2938 and LTC2939
ideal for power conscious systems. The LTC2939 moni-
tors up to six supplies and the LTC2938 monitors up to
four supplies.
6-Supply Monitor 12V (ADJ), 5V, 3.3V, 2.5V, 1.8V, 1.2V (ADJ)
FEATURES
APPLICATIONS
n
Simultaneously Monitors Four (LTC2938) or Six
Supplies (LTC2939)
n
Sixteen User-Selectable Combinations of 5V, 3.3V,
2.5V, 1.8V, 1.5V, 1.2V and/or ± Adjustable Voltage
Thresholds
n
Guaranteed Threshold Accuracy: ±1.5%
n
Adjustable Reset and Watchdog Timeout
n
Low Supply Current: 80μA Typical
n
Power Supply Glitch Immunity
n
Guaranteed RST for VCC > 1V
n
High Temperature Operation to 125°C
n
12-Pin 4mm
× 3mm DFN or 12-Lead MSOP
(LTC2938) and 16-Lead MSOP Package (LTC2939)
n
Desktop and Notebook Computers
n
Multivoltage Systems
n
Telecom Equipment
n
Network Servers
n
Automotive Control Systems
Voltage Configuration Table
LTC2939
1.2V
1.8V
2.5V
3.3V
5V
12V
293839 TA01
tRST = 94ms
tWD = 940ms
CWT
47nF
CRT
47nF
RST
WDO
WDI
VPG
VREF
GND
CWT
CRT
V1
V2
V3
V4
V5
V6
SYSTEM
LOGIC
R1
59k
1%
100k
1%
100k
1%
124k
1%
2150k
1%
R2
40.2k
1%
0.1μF
0.1μF
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6967591, 7239251, 7119714.


Similar Part No. - LTC2938

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2938CDE LINER-LTC2938CDE Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2938CMS LINER-LTC2938CMS Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2938HDE LINER-LTC2938HDE Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2938HMS LINER-LTC2938HMS Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
More results

Similar Description - LTC2938

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
NXP Semiconductors
FS5600 NXP-FS5600 Datasheet
2Mb / 111P
   Automotive buck regulator and controller with voltage monitors and watchdog timer
Rev. 3 - 2 August 2022
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
   3V POWER SUPPLY with WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com