Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV20411 Datasheet(PDF) 1 Page - Knox Semiconductor, Inc

Part # SMV20411
Description  Surface Mount 2042 / 2041 SERIES Varactor HYPERABRUPT TUNING DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

SMV20411 Datasheet(HTML) 1 Page - Knox Semiconductor, Inc

  SMV20411 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
Surface Mount 2042 / 2041 SERIES Varactor
HYPERABRUPT TUNING DIODES
VHF AND UHF FREQUENCIES
•• Superior Performance in Highly Stable Oscillator Designs
•• Uniform Capacitance / Temperature Coefficient
•• Highly Reproducible Ion Implanted Structure
PART
CT @ 2.5 VOLT
CT @ 1V / CT @ 2.5V
CT @ 2.5V / CT @ 4V
Q @ 4VOLTS
AVAILABLE
NUMBER
(pF)
RATIO
RATIO
50 MHz
IN THE FOLLOWING
♦♦
♦♦
MIN
MAX
MIN
MAX
MIN
MAX
MIN
PACKAGES
SMV20422
18
27
1.8
2.5
1.8
2.5
150
-01, -06, -07 ,-08, -09, -10
SMV20423
9
13
1.8
2.5
1.8
2.5
200
-01, -06, -07, -08, -09, -10
SMV20424
6
8
1.8
2.5
1.8
2.5
300
-01, -06, -07, -08, -09, -10
SMV20425
4.2
5.6
1.8
2.5
1.8
2.5
350
-01, -06, -07, -08, -09, -10
PART
CT @ 1 VOLT
CT @ 2.5V
CT @ 4V
Q @ 4 VOLTS
AVAILABLE
NUMBER
(pF)
(pF)
(pF)
50 MHz
IN THE
FOLLOWING
♦♦
♦♦
MIN
TYP
MIN
MAX
TYP
MAX
MIN
PACKAGES
SMV20411
95
100
40
65
20
25
80
-01, -06, -07, -08, -09, -10
SMV20412
42
54
18
27
8.7
12
150
-01, -06, -07, -08, -09, -10
SMV20413
17
22
8.5
10.5
4.0
5.5
200
-01, -06, -07, -08, -09, -10
SMV20414
14.5
16
6.5
7.8
3.0
4.8
300
-01, -06, -07, -08, -09, -10
SMV20415
8.7
11.3
4.3
5.5
2.2
2.9
350
-01, -06, -07, -08, -09, -10
Reverse Breakdown Voltage (VBR)
10 µAdc
12 Volt Min
Max Reverse Leakage Current (IR)
VR = 8 Volts
20 nAdc
Device Dissipation (PD)
Ta = 25°C
250 mW
Junction Temperature (TJ)
125°C
Operating Temperature (Topr)
-55° to +125°C
Storage Temperature (Tstg)
-65° to +150°C
♦♦
♦♦
Package Styles
Requires adding a dash suffix number to the part number
SOT23 Single
-08
SOT23 Common Anode
-09
SOT23 Common Cathode
-10
SOD323
-06
SOD523 (SC79, SC90)
-07
CHIPS
-01


Similar Part No. - SMV20411

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
SMV20432 KNOX-SMV20432 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
SMV20433 KNOX-SMV20433 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
SMV20434 KNOX-SMV20434 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
SMV20435 KNOX-SMV20435 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
More results

Similar Description - SMV20411

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
logo
List of Unclassifed Man...
SG-950 ETC2-SG-950 Datasheet
233Kb / 12P
   SUPER HYPERABRUPT TUNING VARACTOR DIODES
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com