Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2859 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2859
Description  20Mbps RS485 Transceivers with Integrated Switchable Termination
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2859 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2859 Datasheet HTML 7Page - Linear Technology LTC2859 Datasheet HTML 8Page - Linear Technology LTC2859 Datasheet HTML 9Page - Linear Technology LTC2859 Datasheet HTML 10Page - Linear Technology LTC2859 Datasheet HTML 11Page - Linear Technology LTC2859 Datasheet HTML 12Page - Linear Technology LTC2859 Datasheet HTML 13Page - Linear Technology LTC2859 Datasheet HTML 14Page - Linear Technology LTC2859 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC2859/LTC2861
11
285961fc
Receiver and Failsafe
With the receiver enabled, when the absolute value of the
differentialvoltagebetweentheAandBpinsisgreaterthan
200mV, the state of RO will reflect the polarity of (A-B).
The LTC2859/LTC2861 have a failsafe feature that guaran-
tees the receiver output to be in a logic HIGH state when
the inputs are either shorted, left open, or terminated
(externally or internally), but not driven for more than
about 3µs. The delay prevents signal zero crossings from
being interpreted as shorted inputs and causing RO to go
high inadvertently. This failsafe feature is guaranteed to
work for inputs spanning the entire common mode range
of –7V to +12V.
The receiver output is internally driven high (to VCC) or
low (to ground) with no external pull-up needed. When the
receiver is disabled the RO pin becomes Hi-Z with leakage
of less than ±1µA for voltages within the supply range.
Receiver Input Resistance
The receiver input resistance from A or B to ground is
greater than 96k permitting up to a total of 256 receivers
per system without exceeding the RS485 receiver load-
ing specification. High temperature H-Grade operation
reduces the minimum input resistance to 48k permitting
128 receivers on the bus. The input resistance of the
receiver is unaffected by enabling/disabling the receiver
or by powering/unpowering the part. The equivalent input
resistance looking into A and B is shown in Figure 9.
Switchable Termination
Proper cable termination is very important for good signal
fidelity. If the cable is not terminated with its characteristic
impedance, reflections will result in distorted waveforms.
The LTC2859/LTC2861 are the first RS485 transceivers
to offer integrated switchable termination resistors on the
receiver input pins. This provides the tremendous advan-
tage of being able to easily change, through logic control,
the proper line termination for optimal performance when
configuring transceiver networks.
When the TE pin is high, the termination resistor is en-
abled and the differential resistance from A to B is 120Ω.
Figure 10 shows the I/V characteristics between pins A
and B with the termination resistor enabled and disabled.
The resistance is maintained over the entire RS485 com-
mon mode range of –7V to +12V as shown in Figure 11.
Figure 10. Curve Trace Between A and B
with Termination Enabled and Disabled
Figure 9. Equivalent Input Resistance into A and B
(on the LTC2859, Valid if Driver is Disabled)
applicaTions inFormaTion
60Ω
60Ω
A
TE
B
2859/61 F09
>96k
>96k


Similar Part No. - LTC2859

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2859 LINER-LTC2859 Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2859 LINER-LTC2859 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
More results

Similar Description - LTC2859

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com