Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2306 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2306
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2306 Datasheet(HTML) 1 Page - Linear Technology

  LTC2306 Datasheet HTML 1Page - Linear Technology LTC2306 Datasheet HTML 2Page - Linear Technology LTC2306 Datasheet HTML 3Page - Linear Technology LTC2306 Datasheet HTML 4Page - Linear Technology LTC2306 Datasheet HTML 5Page - Linear Technology LTC2306 Datasheet HTML 6Page - Linear Technology LTC2306 Datasheet HTML 7Page - Linear Technology LTC2306 Datasheet HTML 8Page - Linear Technology LTC2306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2302/LTC2306
1
23026fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Noise, 500ksps,
1-/2-Channel, 12-Bit ADCs
The LTC
®2302/LTC2306arelownoise,500ksps,1-/2-chan-
nel, 12-bit ADCs with an SPI/MICROWIRE compatible
serial interface. These ADCs include a fully differential
sample-and-hold circuit to reduce common mode noise.
The internal conversion clock allows the external serial
output data clock (SCK) to operate at any frequency up
to 40MHz.
The LTC2302/LTC2306 operate from a single 5V supply
and draw just 2.8mA at a sample rate of 500ksps. The
auto-shutdown feature reduces the supply current to 14μA
at a sample rate of 1ksps.
The LTC2302/LTC2306 are packaged in a tiny 10-pin 3mm
× 3mm DFN. The low power consumption and small size
make the LTC2302/LTC2306 ideal for battery-operated
and portable applications, while the 4-wire SPI compat-
ible serial interface makes these ADCs a good match for
isolated or remote data acquisition systems.
8192 Point FFT, fIN = 1kHz (LTC2306)
n 12-Bit Resolution
n 500ksps Sampling Rate
n Low Noise: SINAD = 72.8dB
n Guaranteed No Missing Codes
n Single 5V Supply
n Auto-Shutdown Scales Supply Current with Sample
Rate
n Low Power: 14mW at 500ksps
70μW at 1ksps
35μW Sleep Mode
n 1-Channel (LTC2302) and 2-Channel (LTC2306)
Versions
n Unipolar or Bipolar Input Ranges (Software
Selectable)
n Internal Conversion Clock
n SPI/MICROWIRE™ Compatible Serial Interface
n Separate Output Supply OVDD (2.7V to 5.25V)
n Software Compatible with the LTC2308
n 10-Pin (3mm × 3mm) DFN Package
n High Speed Data Acquisition
n Industrial Process Control
n Motor Control
n Accelerometer Measurements
n Battery-Operated Instruments
n Isolated and/or Remote Data Acquisition
TYPE
NUMBER OF INPUT CHANNELS
128
Int Reference
LTC2308
Ext Reference
LTC2302
LTC2306
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
SDI
SDO
SCK
CONVST
23026 TA01
SERIAL
PORT
ANALOG
INPUT
MUX
CH0 (IN+)
CH1 (IN)
ANALOG INPUTS
0V TO 4.096V UNIPOLAR
±2.048V BIPOLAR
VREF
2.7V TO 5.25V
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTER
LTC2302
LTC2306
VDD
OVDD
GND
0.1μF
5V
12-BIT
500ksps
ADC
+
0.1μF
PIN NAMES IN PARENTHESIS
REFER TO LTC2302
10μF
0.1μF
10μF
FREQUENCY (kHz)
0
–40
–20
0
200
23026 TA01b
–60
–80
50
100
150
250
–100
–120
–50
–30
–10
–70
–90
–110
–130
–140
fSMPL = 500kHz
SINAD = 72.8dB
THD = –88.7dB


Similar Part No. - LTC2306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2306 LINER-LTC2306 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306CDD-PBF LINER-LTC2306CDD-PBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306CDD-TRPBF LINER-LTC2306CDD-TRPBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306CDDXPBF LINER-LTC2306CDDXPBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306CDDXTRPBF LINER-LTC2306CDDXTRPBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
More results

Similar Description - LTC2306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2302 LINER-LTC2302_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2308 LINER-LTC2308 Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_11 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com