Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70732R-25 Datasheet(PDF) 5 Page - NEC

Part # UPD70732R-25
Description  V810TM 32-BIT MICROPROCESSOR
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732R-25 Datasheet(HTML) 5 Page - NEC

  UPD70732R-25 Datasheet HTML 1Page - NEC UPD70732R-25 Datasheet HTML 2Page - NEC UPD70732R-25 Datasheet HTML 3Page - NEC UPD70732R-25 Datasheet HTML 4Page - NEC UPD70732R-25 Datasheet HTML 5Page - NEC UPD70732R-25 Datasheet HTML 6Page - NEC UPD70732R-25 Datasheet HTML 7Page - NEC UPD70732R-25 Datasheet HTML 8Page - NEC UPD70732R-25 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
5
µPD70732
176-pin ceramic PGA (Seam weld)
µPD70732R-25
Remark
The insertion guide pin is not included in the number of pins.
No.
Signal
No.
Signal
No.
Signal
No.
Signal
A1
IC2
B3
GND
C5
VDD
D7
VDD
A2
D12
B4
D11
C6
D8
D8
VDD
A3
D13
B5
GND
C7
VDD
D9
GND
A4
D10
B6
D7
C8
D4
D10
IC3
A5
GND
B7
VDD
C9
D2
D11
IC2
A6
D6
B8
D3
C10
IC3
D12
GND
A7
IC2
B9
GND
C11
VDD
D13
INT
A8
D5
B10
D0
C12
IC1
D14
INTV1
A9
IC2
B11
GND
C13
IC2
D15
GND
A10
D1
B12
IC1
C14
VDD
E1
D27
A11
VDD
B13
GND
C15
NMI
E2
D25
A12
RESET
B14
IC1
D1
D23
E3
D21
A13
IC1
B15
ICHEEN
D2
D22
E4
D19
A14
IC1
C1
VDD
D3
D20
E12
IC3
A15
IC2
C2
VDD
D4
GND
E13
INTV0
B1
D17
C3
D16
D5
D15
E14
IC3
B2
D18
C4
D14
D6
D9
E15
IC1
Bottom View
Top View
Insertion
guide pin
No. 1 pin index
Q P NM L K J H GF ED CB
A
A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
B C DE F G HJ KL M N P Q


Similar Part No. - UPD70732R-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70732R-25 RENESAS-UPD70732R-25 Datasheet
502Kb / 68P
   MOS Integrated Circuit
1993
More results

Similar Description - UPD70732R-25

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
   16/32-bit Microprocessor
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
   16/32-bit microprocessor
November 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com