Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-484BGC1C-G3-1B Datasheet(PDF) 7 Page - Lucky Light Electronic

Part # LL-484BGC1C-G3-1B
Description  Bluish Green LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-484BGC1C-G3-1B Datasheet(HTML) 7 Page - Lucky Light Electronic

  LL-484BGC1C-G3-1B_15 Datasheet HTML 1Page - Lucky Light Electronic LL-484BGC1C-G3-1B_15 Datasheet HTML 2Page - Lucky Light Electronic LL-484BGC1C-G3-1B_15 Datasheet HTML 3Page - Lucky Light Electronic LL-484BGC1C-G3-1B_15 Datasheet HTML 4Page - Lucky Light Electronic LL-484BGC1C-G3-1B_15 Datasheet HTML 5Page - Lucky Light Electronic LL-484BGC1C-G3-1B_15 Datasheet HTML 6Page - Lucky Light Electronic LL-484BGC1C-G3-1B_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Luckylight
Spec No.: A027X355
Rev No.: V.2
Date: Jun/30/2009
Page: 7 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Please read the following notes before using the product:
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change (Burn out will happen).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
3. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 260℃ for 5 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is
often started at the time of the hand solder.
4. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
5. Caution in ESD
Static Electricity and surge damages the LED. It is recommended to use a wrist band or
anti-electrostatic glove when handling the LED. All devices equipment and machinery must be
properly grounded.


Similar Part No. - LL-484BGC1C-G3-1B_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-484BGC1C-G3-1B LUCKY-LIGHT-LL-484BGC1C-G3-1B Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Bluish Green LED Technical Data Sheet
LL-484BGC1C-G3-1B LUCKY-LIGHT-LL-484BGC1C-G3-1B Datasheet
135Kb / 7P
   Bluish Green LED
More results

Similar Description - LL-484BGC1C-G3-1B_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPE800S NICHIA-NSPE800S Datasheet
259Kb / 15P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC4B-G3-3BD LUCKY-LIGHT-LL-304BGC4B-G3-3BD Datasheet
133Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3B LUCKY-LIGHT-LL-484BGC1C-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3B LUCKY-LIGHT-LL-304BGC2L-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3F LUCKY-LIGHT-LL-484BGC1C-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
logo
NICHIA CORPORATION
NCSE219BT-V1 NICHIA-NCSE219BT-V1 Datasheet
282Kb / 19P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC2L-G3-1B LUCKY-LIGHT-LL-304BGC2L-G3-1B Datasheet
140Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3F LUCKY-LIGHT-LL-304BGC2L-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
logo
NICHIA CORPORATION
NJSE036AT NICHIA-NJSE036AT Datasheet
612Kb / 15P
   BLUISH-GREEN LED
NSPE590S NICHIA-NSPE590S Datasheet
305Kb / 15P
   BLUISH-GREEN LED
NEPE510AS NICHIA-NEPE510AS Datasheet
285Kb / 15P
   BLUISH-GREEN LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com