Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLS-1W-MS35_1W Datasheet(PDF) 1 Page - BetLux Electronics

Part No. TLS-1W-MS35_1W
Description  LED strip light, Mono color, 1W high power LED Module
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BETLUX [BetLux Electronics]
Homepage  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLS-1W-MS35_1W Datasheet(HTML) 1 Page - BetLux Electronics

  TLS-1W-MS35_1W Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
LED STRIP LIGHT, 1W High Power LED Module
TLS-1W-MS35
APPROVED: XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
■  Features:
Ø
LED strip light, Mono color, 1W high power LED Module
Ø
Dimension: 35* 35*10mm
Ø
Water proof
Ø
Ultra brightness available
Ø
LED color: Red, Green, Blue, Yellow, white
Ø
LED service life: 50,000-100,000hrs
Ø
Power supply: INPUT: 12V DC
Ø
Application: commercial, residential and industrial environments;
Ø
can be used as backlighting in decoration and advertisement; can be used in illumination devices
n
Electrical-optical characteristics: (Ta=25
)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Flux
Unit:lm
@350mA
Part Number
Emitted Color
λ
P
(nm) or
CTT
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2?1/2
(deg)
TLS-1W-MS35UEC
Ultra Orange
630
11.5
12.5
20
40
TLS-1W-MS35UYC
Ultra Yellow
590
11.5
12.5
20
40
TLS-1W-MS35PGC
Ultra Pure Green
525
11.5
12.5
30
50
TLS-1W-MS35UBC
Ultra Blue
470
11.5
12.5
20
30
TLS-1W-MS35UWC
Ultra White
6000k
11.5
12.5
30
65
TLS-1W-MS35UW2C
Ultra Warm White
3200k
11.5
12.5
20
65
120
n
Full set of LED strip picture


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn