Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3035AYGC-8EU Datasheet(PDF) 2 Page - NEC

Part # UPD70F3035AYGC-8EU
Description  V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3035AYGC-8EU Datasheet(HTML) 2 Page - NEC

  UPD70F3035AYGC-8EU Datasheet HTML 1Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 2Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 3Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 4Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 5Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 6Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 7Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 8Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Data Sheet U14780EJ1V0DS00
2
µµµµPD703034A, 703034AY, 703035A, 703035AY, 70F3035A, 70F3035AY
{ Serial interface
• Asynchronous serial interface (UART0, UART1)
• Clocked serial interface (CSI0 to CSI3)
• 3-wire variable length serial interface (CSI4)
• I2C bus interface (I2C0, I2C1) (
µPD703034AY, 703035AY, 70F3035AY only)
{ 10-bit resolution A/D converter: 12 channels
{ DMA controller: 6 channels
{ Real-time output port: 8 bits × 1 channel or 4 bits × 2 channels
{ ROM correction: 4 places can be corrected
{ Power-saving function: HALT/IDLE/STOP modes
{ Packages: 100-pin plastic LQFP (fine pitch) (14 × 14)
100-pin plastic QFP (14
× 20)
{ µPD70F3035A, 70F3035AY
• Can be replaced with
µPD703035A and 703035AY (internal mask ROM) in mass production
APPLICATIONS
{ AV equipment (audio, car audio, VCR, TV, etc.)
ORDERING INFORMATION
Part Number
Package
Internal ROM
µPD703034AGC-×××
×××
×××
×××-8EU
µPD703034AYGC-×××
×××
×××
×××-8EU
µPD703034AGF-×××
×××
×××
×××-3BA
µPD703034AYGF-×××
×××
×××
×××-3BA
µPD703035AGC-×××
×××
×××
×××-8EU
µPD703035AYGC-×××
×××
×××
×××-8EU
µPD703035AGF-×××
×××
×××
×××-3BA
µPD703035AYGF-×××
×××
×××
×××-3BA
µPD70F3035AGC-8EUNote
µPD70F3035AYGC-8EUNote
µPD70F3035AGF-3BANote
µPD70F3035AYGF-3BANote
100-pin plastic LQFP (fine pitch) (14
× 14)
100-pin plastic LQFP (fine pitch) (14
× 14)
100-pin plastic QFP (14
× 20)
100-pin plastic QFP (14
× 20)
100-pin plastic LQFP (fine pitch) (14
× 14)
100-pin plastic LQFP (fine pitch) (14
× 14)
100-pin plastic QFP (14
× 20)
100-pin plastic QFP (14
× 20)
100-pin plastic LQFP (fine pitch) (14
× 14)
100-pin plastic LQFP (fine pitch) (14
× 14)
100-pin plastic QFP (14
× 20)
100-pin plastic QFP (14
× 20)
Mask ROM (128 KB)
Mask ROM (128 KB)
Mask ROM (128 KB)
Mask ROM (128 KB)
Mask ROM (256 KB)
Mask ROM (256 KB)
Mask ROM (256 KB)
Mask ROM (256 KB)
Flash memory (256 KB)
Flash memory (256 KB)
Flash memory (256 KB)
Flash memory (256 KB)
Note Under development
Remarks 1.
××× indicates ROM code suffix.
2. ROMless versions are not provided.


Similar Part No. - UPD70F3035AYGC-8EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70F3032AGF-3BA RENESAS-UPD70F3032AGF-3BA Datasheet
513Kb / 54P
   MOS INTEGRATED CIRCUITS
2000
UPD70F3032AYGF-3BA RENESAS-UPD70F3032AYGF-3BA Datasheet
513Kb / 54P
   MOS INTEGRATED CIRCUITS
2000
logo
NEC
UPD70F3033A NEC-UPD70F3033A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3033AGC-8EU NEC-UPD70F3033AGC-8EU Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD70F3033AGC-8EU RENESAS-UPD70F3033AGC-8EU Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD70F3035AYGC-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com