Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U10A4CIC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. U10A4CIC
Description  ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

U10A4CIC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001. 9. 18
1/2
SEMICONDUCTOR
TECHNICAL DATA
U10A4CIC
ULTRA FAST RECOVERY
RECTIFIER DIODE
Revision No : 0
SWITCHING TYPE POWER SUPPLY APPLICATION
CONVERTER & CHOPPER APPLICATION.
FEATURES
Ultra-Fast Recovery Time for High Efficiency.
Low Forward Voltage Drop, High Current Capability,
and Low Power Loss.
APPLICATION
Switching Power Supply.
Home Appliances, Office Equipment.
Telecommunication, Factory Automation.
DIM
MILLIMETERS
1. ANODE
2. CATHODE
3. ANODE
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
3.20 0.20
3.00 0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60 0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60 0.15
V
U
D
A
C
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Reverse Voltage
VRM
400
V
Average Output Rectified Current
(Tc=125 )
(Note1)
IO
10
A
Peak One Cycle Surge Forward
Current (Non-Repetitive)
IFSM
50 (50Hz)
A
60 (60Hz)
Junction Temperature
Tj
-40~150
Storage Temperature Range
Tstg
-40~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
(Note2)
VFM
IFM=5A
-
-
1.3
V
Reverse Current
(Note2)
IRM
VRM=Rated
-
-
10
A
Reverse Recovery Time
(Note2)
trr
IF=IR=100mA
-
-
50
ns
Thermal Resistance
(Note2)
Rth(j-c)
Junction to Case
-
-
3.6
/W
(Note1) : Average forward current of centertap full wave connection.
(Note2) : A Value of one cell.
3
1
2
MAXIMUM RATINGS (Ta=25 )
POLARITY


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn