Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U10A2CIC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. U10A2CIC
Description  ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

U10A2CIC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2001. 9. 18
2/2
U10A2CIC
Revision No : 0
NUMBER OF CYCLES AT 50Hz AND 60Hz
1
0
10
20
30
40
60
50
10
33 0
55 0
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
Ta=25 C
f=60MHz
50MHz
P
- I
F(AV)
O
O
AVERAGE OUTPUT RECTIFIED CURRENT I
(A)
0
0
2
4
6
8
12
10
2
4
6
8
10
12
RECTANGULAR
WAVEFORM
180
360
Tc - I O
O
AVERAGE OUTPUT RECTIFIED CURRENT I
(A)
0
20
40
60
80
120
100
160
140
2
4
6
8
10
12
RECTANGULAR
WAVEFORM
180
360
I - V
F
F
F
FORWARD VOLTAGE V
(V)
T =150 C
25 C
j
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.3
1
3
10
30
100
0.5
5
50


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn