Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-304HD2J-H1 Datasheet(PDF) 4 Page - Lucky Light Electronic

Part # LL-304HD2J-H1
Description  Red LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-304HD2J-H1 Datasheet(HTML) 4 Page - Lucky Light Electronic

  LL-304HD2J-H1_15 Datasheet HTML 1Page - Lucky Light Electronic LL-304HD2J-H1_15 Datasheet HTML 2Page - Lucky Light Electronic LL-304HD2J-H1_15 Datasheet HTML 3Page - Lucky Light Electronic LL-304HD2J-H1_15 Datasheet HTML 4Page - Lucky Light Electronic LL-304HD2J-H1_15 Datasheet HTML 5Page - Lucky Light Electronic LL-304HD2J-H1_15 Datasheet HTML 6Page - Lucky Light Electronic LL-304HD2J-H1_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Luckylight
Spec No.: B306 X430
Rev No.: V.2
Date: Jan/26/2005
Page: 4 OF 7
Approved: JoJo
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Absolute Maximum Ratings at Ta=25℃
Parameters
Symbol
Max.
Unit
Power Dissipation
PD
78
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
100
mA
Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40℃ to +85℃
Storage Temperature Range
Tstg
-40℃ to +100℃
Lead Soldering Temperature
[4mm (.157″) From Body]
Tsld
260℃ for 5 Seconds
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity *
IV
1
5
---
mcd
IF=20mA (Note 1)
Viewing Angle *
1/2
---
60
---
Deg
IF=20mA (Note 2)
Peak Emission Wavelength
λp
---
700
---
nm
IF=20mA
Dominant Wavelength
λd
---
640
---
nm
IF=20mA (Note 3)
Spectral Line Half-Width
λ
---
100
---
nm
IF=20mA
Forward Voltage
VF
1.60
2.20
2.60
V
IF=20mA
Reverse Current
IR
---
---
10
µA
VR=5V
Notes:
1. Luminous Intensity Measurement allowance is ± 10%.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.


Similar Part No. - LL-304HD2J-H1_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304HD2J-H1 LUCKY-LIGHT-LL-304HD2J-H1 Datasheet
137Kb / 7P
   3mm Round Without Flange Type Red LED Technical Data Sheet
LL-304HD2J-H1 LUCKY-LIGHT-LL-304HD2J-H1 Datasheet
137Kb / 7P
   Red LED
More results

Similar Description - LL-304HD2J-H1_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSR219BT-V1 NICHIA-NCSR219BT-V1 Datasheet
272Kb / 18P
   RED LED
logo
KODENSHI_AUK CORP.
KP3528R63A1I-UM KODENSHI-KP3528R63A1I-UM Datasheet
124Kb / 5P
   Red LED
logo
NICHIA CORPORATION
NSPR800AS NICHIA-NSPR800AS Datasheet
272Kb / 15P
   RED LED
logo
Marl International Limi...
NSPR510CS MARL-NSPR510CS Datasheet
200Kb / 15P
   RED LED
logo
Roithner LaserTechnik G...
SMC680 ROITHNER-SMC680 Datasheet
575Kb / 3P
   red led
logo
NICHIA CORPORATION
NCSR119BT-V1 NICHIA-NCSR119BT-V1 Datasheet
271Kb / 18P
   RED LED
NSPR346MS NICHIA-NSPR346MS Datasheet
428Kb / 17P
   RED LED
NSPR510AS NICHIA-NSPR510AS Datasheet
189Kb / 15P
   RED LED
NCSRE17AT NICHIA-NCSRE17AT Datasheet
305Kb / 19P
   RED LED
NE2R757GT-P6 NICHIA-NE2R757GT-P6 Datasheet
297Kb / 19P
   RED LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com