Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-244AD3D-A1 Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-244AD3D-A1
Description  Amber LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-244AD3D-A1 Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-244AD3D-A1_15 Datasheet HTML 1Page - Lucky Light Electronic LL-244AD3D-A1_15 Datasheet HTML 2Page - Lucky Light Electronic LL-244AD3D-A1_15 Datasheet HTML 3Page - Lucky Light Electronic LL-244AD3D-A1_15 Datasheet HTML 4Page - Lucky Light Electronic LL-244AD3D-A1_15 Datasheet HTML 5Page - Lucky Light Electronic LL-244AD3D-A1_15 Datasheet HTML 6Page - Lucky Light Electronic LL-244AD3D-A1_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No: CS059X440
Rev No:V.2
Date: Sep/26/2005
Page: 2 OF 7
Approved: JoJo
Checked: wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Features:
Popular T-1 diameter package.
High efficiency.
Selected minimum intensities.
General purpose leads.
Available on tape and reel.
Reliable and robust.
Descriptions:
The series is specially designed for applications requiring higher brightness.
The LED lamps are available with different colors, intensities.
Applications:
Status indicators.
Commercial use.
Advertising Signs.
Back lighting.
Choice of various color.
High efficiency.
Selected minimum intensities.
Available on tape and reel.
Reliable and robust.
The product itself will remain within RoHS compliant Version.
The series is specially designed for applications requiring higher brightness.
The LED lamps are available with different colors, intensities.
Monitor.
Telephone.
Computer.
Circuit board.
Status indicators.
Commercial use.
Advertising Signs.
Back lighting.


Similar Part No. - LL-244AD3D-A1_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-244AD3D-A1 LUCKY-LIGHT-LL-244AD3D-A1 Datasheet
139Kb / 7P
   2횞4mm Rectangular Without Flange Type Amber LED Technical Data Sheet
LL-244AD3D-A1 LUCKY-LIGHT-LL-244AD3D-A1 Datasheet
139Kb / 7P
   2횞4mm Rectangular Without Flange Amber LED
More results

Similar Description - LL-244AD3D-A1_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NGPAR70ASS NICHIA-NGPAR70ASS Datasheet
268Kb / 13P
   AMBER LED
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   Amber LED
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1_15 Datasheet
137Kb / 7P
   Amber LED
LL-463ADS LUCKY-LIGHT-LL-463ADS_15 Datasheet
136Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA123DT NICHIA-NFSA123DT Datasheet
275Kb / 18P
   AMBER LED
NCSA119BT-V1 NICHIA-NCSA119BT-V1 Datasheet
275Kb / 18P
    AMBER LED
NCSAE17AT NICHIA-NCSAE17AT Datasheet
297Kb / 19P
   AMBER LED
NCSA170DT NICHIA-NCSA170DT Datasheet
290Kb / 19P
   AMBER LED
NESA064T NICHIA-NESA064T_18 Datasheet
277Kb / 18P
   AMBER LED
logo
Lucky Light Electronic
LL-553AD1D-A1 LUCKY-LIGHT-LL-553AD1D-A1_15 Datasheet
132Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA072T NICHIA-NFSA072T Datasheet
325Kb / 14P
   AMBER LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com